Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB587B Datasheet (PDF) - NEC

UPB587B Datasheet PDF - NEC
Part # UPB587B
Download  UPB587B Download
File Size   113.7 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER

UPB587B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB587B Datasheet PDF - NEC

Part # UPB587B
Download  UPB587B Click to download

File Size   113.7 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER

UPB587B Datasheet (HTML) - NEC


UPB587B Product details

DESCRIPTION
The UPB587 series of devices are silicon bipolar digital prescalers which can be operated in divide-by-two, divide-by four or divide-by-eight mode. They feature frequency re sponse to 1 GHz, and operate from a single 3 volt supply drawing only 5.5 milliamps. The series is available in two package styles: 8 lead ceramic flat pack (UPB587B), and an 8 pin plastic mini-flat package (UPB587G). Applications include: synthesizer for DBS receiver and telecommunication applications. The low DC voltage required and power-saving current draw make them ideal for hand-held, battery-powered applications.

FEATURES
• HIGH FREQUENCY OPERATION TO 1 GHz
• LOW SUPPLY VOLTAGE: 2.2 V to 3.5 V
• LOW SUPPLY CURRENT: 5.5 mA
• AVAILABLE IN TAPE AND REEL
   (G08 PACKAGE)




Similar Part No. - UPB587B

ManufacturerPart #DatasheetDescription
logo
NEC
UPB587G NEC-UPB587G Datasheet
117Kb / 16P
1GHz INPUT DIVIDE BY 2, 4, 8 PRESCALER IC FOR PORTABLE SYSTEMS
logo
Renesas Technology Corp
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
UPB587G-E1 RENESAS-UPB587G-E1 Datasheet
201Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
UPB587G-E2 RENESAS-UPB587G-E2 Datasheet
201Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
More results


Similar Description - UPB587B

ManufacturerPart #DatasheetDescription
logo
NEC
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
logo
California Eastern Labs
UPB1509GV CEL-UPB1509GV Datasheet
338Kb / 8P
NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com