Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P12 Datasheet (PDF) - Holtek Semiconductor Inc

HT6P12 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6P12
Download  HT6P12 Download
File Size   423.44 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Learning Car Alarm Decoder

HT6P12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6P12 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6P12
Download  HT6P12 Click to download

File Size   423.44 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Learning Car Alarm Decoder

HT6P12 Datasheet (HTML) - Holtek Semiconductor Inc


HT6P12 Product details

General Description

The HT6P12 is a 24-bit decoder with a learning function. It pairs with the HT6P20D encoder for remote control system applications.



Features

• Operating voltage: 2.4V~5.2V

• Low power consumption and high noise immunity

• Built-in oscillator needs only 5% resistor

• Learning function

• Maximum of 8 sets of customer codes can be stored

• 2^24 information

• 3 local alarm trigger inputs: TRIG, AL+, AL-

• ACC can disarm whole car alarm system

• Easy interface with RF or IR medium

• Check received codes 3 times



Applications

• Burglar alarm system

• Smoke and fire alarm system

• Garage door controllers

• Car door controllers

• Car alarm system

• Security system

• Cordless telephones

• Other remote control systems




Similar Part No. - HT6P12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20 HOLTEK-HT6P20 Datasheet
118Kb / 9P
224 OTP Encoder
May 2, 2000
HT6P20A HOLTEK-HT6P20A Datasheet
144Kb / 13P
OTP Encoder
June 20, 2003
HT6P20A HOLTEK-HT6P20A Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20B HOLTEK-HT6P20B Datasheet
144Kb / 13P
OTP Encoder
June 20, 2003
HT6P20B HOLTEK-HT6P20B Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
More results


Similar Description - HT6P12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
logo
Advanced Micro Devices
MI50 AMD-MI50 Datasheet
137Kb / 2P
Optimized Deep Learning Operations
logo
Analog Devices
ADALM-PLUTO AD-ADALM-PLUTO Datasheet
438Kb / 2P
SDR Active Learning Module
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
ADALM1000 Active Learning Module
ADALM2000 AD-ADALM2000 Datasheet
547Kb / 2P
ADALM2000 ACTIVE LEARNING MODULE
logo
SparkFun Electronics
KIT-11470 SPARKFUN-KIT-11470 Datasheet
214Kb / 2P
Qtechknow ArduSensor Learning Kit
8/5/2016
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
LEARNING DECODER
2008-09-02
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com