Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC12149 Datasheet (PDF) - Freescale Semiconductor, Inc

MC12149 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC12149
Download  MC12149 Download
File Size   362.13 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER

MC12149 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC12149 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC12149
Download  MC12149 Click to download

File Size   362.13 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER

MC12149 Datasheet (HTML) - Freescale Semiconductor, Inc


MC12149 Product details

Low Power Voltage Controlled Oscillator Buffer



The MC12149 is intended for applications requiring high frequency signal generation up to 1300 MHz. An external tank circuit is used to determine the desired frequency of operation. The VCO is realized using an emitter–coupled pair topology. The MC12149 can be used with an integrated PLL IC such as the MC12202 1.1 GHz Frequency Synthesizer to realize a complete PLL sub–system. The device is specified to operate over a voltage supply range of 2.7 to 5.5 V. It has a typical current consumption of 15 mA at 3.0 V which makes it attractive for battery operated handheld systems.



NOTE: The MC12149 is NOT suitable as a crystal oscillator.



• Operates Up to 1.3 GHz

• Space–Efficient 8–Pin SOIC or SSOP Package

• Low Power 15 mA Typical @ 3.0 V Operation

• Supply Voltage of 2.7 to 5.5 V

• Typical 900 MHz Performance

  – Phase Noise –105 dBc/Hz @ 100 kHz Offset

  – Tuning Voltage Sensitivity of 20 MHz/V

• Output Amplitude Adjustment Capability

• Two High Drive Outputs With a Typical Range from –8.0 to –2.0 dBm

• One Low–Drive Output for Interfacing to a Prescaler



 




Similar Part No. - MC12149

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
Low Power Voltage Controlled Oscillator Buffer
More results


Similar Description - MC12149

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
Low Power Voltage Controlled Oscillator Buffer
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
Low Power Voltage Controlled Oscillator Buffer
logo
Z-Communications, Inc
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
Low Power Voltage Controlled Oscillator Buffer
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com