Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8190K Datasheet (PDF) - Renesas Technology Corp

UPC8190K Datasheet PDF - Renesas Technology Corp
Part # UPC8190K
Download  UPC8190K Download
File Size   292.35 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC8190K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8190K Datasheet PDF - Renesas Technology Corp

Part # UPC8190K
Download  UPC8190K Click to download

File Size   292.35 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC8190K Datasheet (HTML) - Renesas Technology Corp


UPC8190K Product details

FEATURES
• RX-IF: 380 MHz, TX-IF: 570 MHz
• Low power consumption
• Built-in power saving function
• Small size: 20-pin plastic QFN package (3.2 ´ 4.2 ´ 0.8 mm)




Similar Part No. - UPC8190K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8190K CEL-UPC8190K Datasheet
168Kb / 7P
TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8190K-E1 NEC-UPC8190K-E1 Datasheet
58Kb / 5P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8190K-E1-A CEL-UPC8190K-E1-A Datasheet
203Kb / 6P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
More results


Similar Description - UPC8190K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1905 RENESAS-UPC1905 Datasheet
1Mb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1991
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com