Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8218T5A Datasheet (PDF) - Renesas Technology Corp

UPC8218T5A Datasheet PDF - Renesas Technology Corp
Part # UPC8218T5A
Download  UPC8218T5A Download
File Size   264.64 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Si ANALOG INTEGRATED CIRCUIT

UPC8218T5A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8218T5A Datasheet PDF - Renesas Technology Corp

Part # UPC8218T5A
Download  UPC8218T5A Click to download

File Size   264.64 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Si ANALOG INTEGRATED CIRCUIT

UPC8218T5A Datasheet (HTML) - Renesas Technology Corp


UPC8218T5A Product details

FEATURES
• Output Power : Pout = +20.5 dBm MIN. @ Pin = −19 dBm, f = 1.9 GHz
• Operation Current : Iop = 150 mA TYP.
• Single Supply Voltage : VDS = 3.0 V TYP.
• Suitable for High-density Surface Mounting : 16-pin Plastic TSON package (3.3 × 2.3 × 0.6 mm)




Similar Part No. - UPC8218T5A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8211TK NEC-UPC8211TK Datasheet
114Kb / 3P
NECs SiGe LOW NOISE AMPLIFIER FOR GPS/MO BILE COMMUNICATIONS
logo
California Eastern Labs
UPC8211TK CEL-UPC8211TK Datasheet
291Kb / 4P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8211TK RENESAS-UPC8211TK Datasheet
315Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
logo
NEC
UPC8211TK-E2 NEC-UPC8211TK-E2 Datasheet
114Kb / 3P
NECs SiGe LOW NOISE AMPLIFIER FOR GPS/MO BILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8211TK-E2 RENESAS-UPC8211TK-E2 Datasheet
315Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results


Similar Description - UPC8218T5A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPD5702TU-A CEL-UPD5702TU-A Datasheet
391Kb / 10P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPD5702TU RENESAS-UPD5702TU Datasheet
231Kb / 13P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com