Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT541 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT541 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT541
Download  74AHCT541 Download
File Size   247.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74AHCT541 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT541 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT541
Download  74AHCT541 Click to download

File Size   247.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74AHCT541 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT541 Product details

1. General description
The 74AHC541; 74AHCT541 is a high-speed Si-gate CMOS device.
The 74AHC541; 74AHCT541 are octal non-inverting buffer/line drivers with 3-state bus compatible
outputs.
The 3-state outputs are controlled by the output enable inputs OE0 and OE1.
A HIGH on OEn causes the outputs to assume a high-impedance OFF-state.
2. Features
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Inputs accepts voltages higher than VCC
• For 74AHC541 only: operates with CMOS input levels
• For 74AHCT541 only: operates with TTL input levels
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHCT541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT541 PHILIPS-74AHCT541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74AHCT541 NXP-74AHCT541 Datasheet
94Kb / 16P
Octal buffer/line driver; 3-state
Rev. 03-12 November 2007
logo
Nexperia B.V. All right...
74AHCT541-Q100 NEXPERIA-74AHCT541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCT541A NEXPERIA-74AHCT541A Datasheet
201Kb / 14P
Octal buffer/line driver; 3-state
74AHCT541ABQ NEXPERIA-74AHCT541ABQ Datasheet
201Kb / 14P
Octal buffer/line driver; 3-state
More results


Similar Description - 74AHCT541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com