Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC16244 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC16244 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC16244
Download  74ALVC16244 Download
File Size   227.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2.5 V / 3.3 V 16-bit buffer/line driver; 3-state

74ALVC16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16244 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC16244
Download  74ALVC16244 Click to download

File Size   227.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2.5 V / 3.3 V 16-bit buffer/line driver; 3-state

74ALVC16244 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC16244 Product details

1. General description
The 74ALVC16244; 74ALVCH16244 is a 16-bit buffer/line driver with 3-state outputs. The device
can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The device features four
output enables (1OE, 2OE, 3OE and 4OE), each controlling four of the 3-state outputs. A HIGH on
nOE causes the outputs to assume a high-impedance OFF-state. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
The 74ALVCH16244 has active bus hold circuitry which is provided to hold unused or floating
data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down
resistors.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Overvoltage tolerant inputs to 5.5 V
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• All data inputs have bushold (74ALVCH16244 only)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V
• ESD protection:
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74ALVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
logo
Texas Instruments
74ALVC16244ADGGRE4 TI-74ALVC16244ADGGRE4 Datasheet
369Kb / 14P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVC16244ADGGRG4 TI2-74ALVC16244ADGGRG4 Datasheet
468Kb / 17P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 2005
More results


Similar Description - 74ALVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com