Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC244 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC244 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC244
Download  74ALVC244 Download
File Size   249.97 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ALVC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC244 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC244
Download  74ALVC244 Click to download

File Size   249.97 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ALVC244 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC244 Product details

1. General description
The 74ALVC244 is an 8-bit buffer/line driver with 3-state outputs. The device can be used as
two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and 2OE),
each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standards:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C




Similar Part No. - 74ALVC244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC244 PHILIPS-74ALVC244 Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
2003 Sep 08
74ALVC244BQ PHILIPS-74ALVC244BQ Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
2003 Sep 08
74ALVC244D PHILIPS-74ALVC244D Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
2003 Sep 08
74ALVC244PW PHILIPS-74ALVC244PW Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
2003 Sep 08
74ALVC244 PHILIPS-74ALVC244_15 Datasheet
95Kb / 15P
Octal buffer/line driver; 3-state
2003 Sep 08
More results


Similar Description - 74ALVC244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com