Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC541 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC541 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC541
Download  74ALVC541 Download
File Size   248.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ALVC541 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC541 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC541
Download  74ALVC541 Click to download

File Size   248.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ALVC541 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC541 Product details

1. General description
The 74ALVC541 is an octal non-inverting buffer/line drivers with 3-state bus compatible outputs.
The 3-state outputs are controlled by the output enable inputs OE0 and OE1. A HIGH on OEn
causes the outputs to assume a high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V )
• JESD8-5 (2.3 V to 2.5 V)
• JESD8B (2.7 V to 3.6 V)
• 3.6 V tolerant inputs/outputs
• CMOS LOW power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C




Similar Part No. - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC541 PHILIPS-74ALVC541 Datasheet
83Kb / 16P
Octal buffer/line driver; 3-state
2002 Feb 26
74ALVC541 NXP-74ALVC541 Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
Rev. 02-5 November 2007
logo
Nexperia B.V. All right...
74ALVC541-Q100 NEXPERIA-74ALVC541-Q100 Datasheet
745Kb / 16P
Octal buffer/line driver 3-state
logo
NXP Semiconductors
74ALVC541BQ NXP-74ALVC541BQ Datasheet
90Kb / 15P
Octal buffer/line driver; 3-state
Rev. 02-5 November 2007
logo
Nexperia B.V. All right...
74ALVC541BQ-Q100 NEXPERIA-74ALVC541BQ-Q100 Datasheet
745Kb / 16P
Octal buffer/line driver 3-state
More results


Similar Description - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com