Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16373 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT16373 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT16373
Download  74ALVT16373 Download
File Size   243.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transparent D-type latch; 3-state

74ALVT16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16373 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT16373
Download  74ALVT16373 Click to download

File Size   243.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transparent D-type latch; 3-state

74ALVT16373 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT16373 Product details

1. General description
The 74ALVT16373 is a 16-bit D-type transparent latch with 3-state outputs. The device can be
used as two 8-bit transparent latches or a single 16-bit transparent latch. The device features
two latch enables (1LE and 2LE) and two output enables (1OE and 2OE), each controlling
8-bits. When nLE is HIGH, data at the inputs enter the latches. In this condition the latches are
transparent, a latch output will change each time its corresponding D-input changes. When nLE is
LOW the latches store the information that was present at the inputs a set-up time preceding the
HIGH-to-LOW transition of nLE. A HIGH on nOE causes the outputs to assume a high-impedance
OFF-state. Operation of the nOE input does not affect the state of the latches. Bus hold data inputs
eliminate the need for external pull-up resistors to define unused inputs
2. Features and benefits
• Wide supply voltage range from 2.3 to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• 16-bit transparent latch
• 5 V I/O compatible
• 3-state buffers
• Output capability: +64 mA/–32 mA
• Direct interface with TTL levels
• Input and output interface capability to systems at 5 V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5 V bus
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• MIL STD 883 method 3015: exceeds 2000 V
• MM exceeds 200 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74ALVT16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74ALVT16373DGG PHILIPS-74ALVT16373DGG Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74ALVT16373DL PHILIPS-74ALVT16373DL Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
More results


Similar Description - 74ALVT16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com