Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAX-324 Datasheet (PDF) - Advantech Co., Ltd.

PAX-324 Datasheet PDF - Advantech Co., Ltd.
Part # PAX-324
Download  PAX-324 Download
File Size   696.95 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24" FHD Surgical Monitor

PAX-324 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAX-324 Datasheet PDF - Advantech Co., Ltd.

Part # PAX-324
Download  PAX-324 Click to download

File Size   696.95 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24" FHD Surgical Monitor

PAX-324 Datasheet (HTML) - Advantech Co., Ltd.


PAX-324 Product details

Features
ƒ True Flat Design with AR Filter
ƒ High Brightness and High Contrast Ratio
ƒ FHD Resolution (1920 x 1200)
ƒ HDMI 2.0, DP 1.2, DVI, RGB Support Up to 1920 x 1200 @ 60 Hz
ƒ SDI Support Up to 1920 x 1080 @ 60Hz
ƒ Multi-Standard Video System Supported: NTSC, PAL, SECAM
ƒ Video Enhancement features including:
– 14-bit LUT processing
– DICOM Part 14 GSDF Compliant
– DICOM, Clear, Blue modes support
ƒ Optional upgrade to IP-based monitor with AVAS
ƒ Variable Gamma and DICOM (Color Temp) mode
ƒ Variable Multi-Picture display mode




Similar Part No. - PAX-324

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PAX-327-4K ADVANTECH-PAX-327-4K Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-327-C8A-HAR ADVANTECH-PAX-327-C8A-HAR Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-327-C8A-HAS ADVANTECH-PAX-327-C8A-HAS Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-327-C8A-NAR ADVANTECH-PAX-327-C8A-NAR Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-327-C8A-NAS ADVANTECH-PAX-327-C8A-NAS Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
More results


Similar Description - PAX-324

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3121GD ADVANTECH-IDS-3121GD_15 Datasheet
541Kb / 2P
21.5" FHD OpenFrame Monitor
IDS-3121W ADVANTECH-IDS-3121W_15 Datasheet
322Kb / 2P
21.5" FHD OpenFrame Monitor
logo
Axiomtek Co., Ltd.
P6217W AXIOMTEK-P6217W_17 Datasheet
319Kb / 2P
21.5 FHD TFT Widescreen Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3121W ADVANTECH-IDS-3121W Datasheet
388Kb / 2P
21.5' FHD OpenFrame Monitor
IDS-3121W ADVANTECH-IDS-3121W_V01 Datasheet
544Kb / 2P
21.5 FHD OpenFrame Monitor
27-Apr-2018
DSD-7055 ADVANTECH-DSD-7055 Datasheet
486Kb / 2P
55 FHD Digital Signage SDM Monitor
10-Aug-2020
IDS-3127W ADVANTECH-IDS-3127W Datasheet
351Kb / 2P
27 FHD OpenFrame Monitor
10-Jan-2022
IDS-3221W ADVANTECH-IDS-3221W Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
PAX-327-4K ADVANTECH-PAX-327-4K Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com