Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMT80060DC Datasheet (PDF) - ON Semiconductor

FDMT80060DC Datasheet PDF - ON Semiconductor
Part # FDMT80060DC
Download  FDMT80060DC Download
File Size   525.82 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET

FDMT80060DC Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMT80060DC Datasheet PDF - ON Semiconductor

Part # FDMT80060DC
Download  FDMT80060DC Click to download

File Size   525.82 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET

FDMT80060DC Datasheet (HTML) - ON Semiconductor


FDMT80060DC Product details

General Description
This N−Channel MOSFET is produced using onsemi’s advanced
POWERTRENCH process. Advancements in both silicon and
DUAL COOL package technologies have been combined to offer
the lowest rDS(on) while maintaining excellent switching performance
by extremely low Junction−to−Ambient thermal resistance.

Features
• Max rDS(on) = 1.1 m at VGS = 10 V, ID = 43 A
• Max rDS(on) = 1.3 m at VGS = 8 V, ID = 37 A
• Advanced Package and Silicon Combination for Low rDS(on)
and High Efficiency
• Next Generation Enhanced Body Diode Technology,
Engineered for Soft Recovery
• Low Profile 8x8 mm MLP Package
• MSL1 Robust Package Design
• 100% UIL Tested
• This Device is Pb−Free, Halide Free and RoHS Compliant

Applications
• OringFET / Load Switching
• Synchronous Rectification
• DC−DC Conversion




Similar Part No. - FDMT80060DC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMT1D3N08B ONSEMI-FDMT1D3N08B Datasheet
1Mb / 10P
N-Channel Dual Cool 88 PowerTrench MOSFET
November, 2016, Rev. 1.0
More results


Similar Description - FDMT80060DC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com