Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15KPA17AE3 Datasheet (PDF) - Microsemi Corporation

15KPA17AE3 Datasheet PDF - Microsemi Corporation
Part # 15KPA17AE3
Download  15KPA17AE3 Download
File Size   441.41 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15,000 Watt Transient Voltage Suppressor TVS) Protection Device

15KPA17AE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
15KPA17AE3 Datasheet PDF - Microsemi Corporation

Part # 15KPA17AE3
Download  15KPA17AE3 Click to download

File Size   441.41 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15,000 Watt Transient Voltage Suppressor TVS) Protection Device

15KPA17AE3 Datasheet (HTML) - Microsemi Corporation


15KPA17AE3 Product details

DESCRIPTION
This device clamps dangerous high-voltage short-term transients such as those produced by
the secondary effects of lightning strikes, providing circuit protection to several class levels in
the IEC61000-4-5 specification. Clamping time is virtually instantaneous. It also provides
protection from transients caused by inductive load dumps, induced RFI, and ESD, providing
protection to IEC61000-4-2 and -4-4.

FEATURES
Available in both unidirectional and bidirectional configurations.
5% working voltage tolerance.
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B.
RoHS compliant (2002/95/EC), MSL level 1 (J-STD-020).

APPLICATIONS / BENEFITS
• Protection from transients caused by lightning strikes, switching transients, RFI, and ESD.
• Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4.
• Protection from the secondary effects of lightning per IEC61000-4-5.




Similar Part No. - 15KPA17AE3

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA17A PROTEC-15KPA17A Datasheet
72Kb / 5P
POWER TVS COMPONENT
logo
Leshan Radio Company
15KPA17A LRC-15KPA17A Datasheet
26Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Weitron Technology
15KPA17A WEITRON-15KPA17A Datasheet
231Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
15KPA17A MDE-15KPA17A Datasheet
29Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
15KPA17A LITTELFUSE-15KPA17A Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
More results


Similar Description - 15KPA17AE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
15,000 Watt TVS Module
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
logo
Infineon Technologies A...
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
5KP5.0E3 MICROSEMI-5KP5.0E3 Datasheet
800Kb / 10P
5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Rev. A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com