Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232A Datasheet (PDF) - Analog Devices

HMC232A Datasheet PDF - Analog Devices
Part # HMC232A
Download  HMC232A Download
File Size   1573.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz

HMC232A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC232A Datasheet PDF - Analog Devices

Part # HMC232A
Download  HMC232A Click to download

File Size   1573.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz

HMC232A Datasheet (HTML) - Analog Devices


HMC232A Product details

FEATURES
Nonreflective 50 Ω design
Low insertion loss
1.5 dB typical to 6 GHz
2.5 dB typical to 12 GHz
High isolation
50 dB typical to 6 GHz
45 dB typical to 12 GHz
High input linearity
P0.1dB: 28 dBm typical at VCTRL = −5 V
P1dB: 30 dBm typical at VCTRL = −5 V
IP3: 48 dBm
High power handling
30 dBm insertion loss path 27 dBm hot switching Negative control voltage: −7 V to −3 V ESD rating: 250 V (Class 1A) HBM No low frequency spurious 24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
Test instrumentation
Microwave radios and very small aperture terminals (VSATs)
Military radios, radars, and electronic counter measures (ECMs)
Telecommunication infrastructure

GENERAL DESCRIPTION
The HMC232A is a nonreflective, SPDT, RF switch manufactured in the gallium arsenide (GaAs) process.
The HMC232A operates from 100 MHz to 12 GHz with better than 1.5 dB insertion loss and 50 dB of isolation at 6 GHz and better than 2.5 dB insertion loss and 45 dB of isolation at 12 GHz. The HMC232A has a nonreflective design, and the RF ports are internally terminated to 50 Ω.
The HMC232A switch operates using complementary negative control voltage logic lines of −7 V to −3 V and requires no bias supply.
The HMC232A comes in a 24-lead, 4 mm × 4 mm LFCSP and operates from −40°C to +85°C.




Similar Part No. - HMC232A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
More results


Similar Description - HMC232A

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13306-313LF SKYWORKS-SKY13306-313LF Datasheet
237Kb / 5P
GaAs SPDT Switch 100 MHz?? GHz
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com