Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC0303LS Datasheet (PDF) - Infineon Technologies AG

BSC0303LS Datasheet PDF - Infineon Technologies AG
Part # BSC0303LS
Download  BSC0303LS Download
File Size   1580.34 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 3 Power-Transistor, 120 V

BSC0303LS Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC0303LS Datasheet PDF - Infineon Technologies AG

Part # BSC0303LS
Download  BSC0303LS Click to download

File Size   1580.34 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 3 Power-Transistor, 120 V

BSC0303LS Datasheet (HTML) - Infineon Technologies AG


BSC0303LS Product details

Features
• N-channel, logic level
• 100% avalanche tested
• Excellent gate charge x RDS(on) product (FOM)
• Very low on-resistance RDS(on)
• 150 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Ideal for high-frequency switching and synchronous rectification
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC0303LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
BSC030N03LSG INFINEON-BSC030N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.27 2009-10-22
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC030N04NSG INFINEON-BSC030N04NSG Datasheet
387Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.04 2009-10-22
BSC030N08NS5 INFINEON-BSC030N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.2,2014-11-10
More results


Similar Description - BSC0303LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT030N12N3G INFINEON-IPT030N12N3G Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 120 V
Rev.2.1,2020-11-23
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
BSC080N12LS INFINEON-BSC080N12LS Datasheet
1Mb / 13P
OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.1, 2022-11-09
BSC120N12LS INFINEON-BSC120N12LS Datasheet
1Mb / 13P
OptiMOSTM 2 Power-Transistor, 120 V
Rev. 2.0, 2019-11-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com