Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1501 Datasheet (PDF) - Microchip Technology

MCP1501 Datasheet PDF - Microchip Technology
Part # MCP1501
Download  MCP1501 Download
File Size   14189.76 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Precision Buffered Voltage Reference

MCP1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1501 Datasheet PDF - Microchip Technology

Part # MCP1501
Download  MCP1501 Click to download

File Size   14189.76 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Precision Buffered Voltage Reference

MCP1501 Datasheet (HTML) - Microchip Technology


MCP1501 Product details

General Description
The MCP1501 is a buffered voltage reference capable
of sinking and sourcing 20 mA of current. The voltage
reference is a low-drift band gap based reference. The
band gap uses chopper-based amplifiers, effectively
reducing the drift to zero.
The MCP1501 is available in the following packages:
• 6-Lead SOT-23
- This package is AEC-Q100 automotive
qualified
• 8-Lead SOIC
• 8-Lead 2 mm x 2 mm WDFN

Features
• Maximum Temperature Coefficient: 50 ppm/°C
from -40°C to +125°C
• Initial Accuracy: 0.1%
• Operating Temperature Range: -40°C to +125°C
• Low Typical Operating Current: 140 μA
• Line Regulation: 50 ppm/V Maximum
• Load Regulation: 40 ppm/mA Maximum
• 10 Voltage Variants Available:
- 1.024V
- 1.250V
- 1.800V
- 2.048V
- 2.500V
- 3.000V
- 3.300V
- 4.096V
- 4.500V (6-Lead SOT-23 package only)
- 5.000V (6-Lead SOT-23 package only)
• Output Noise: 30 μVRMS, 0.1 Hz to 10 kHz
(1.024V)
• AEC-Q100 Qualified (Automotive Applications)
- Package qualified: 6-Lead SOT-23

Applications
• Precision Data Acquisition Systems
• High-Resolution Data Converters
• Medical Equipment Applications
• Industrial Controls
• Battery-Powered Devices
• Electric Vehicle Battery Management Systems




Similar Part No. - MCP1501

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/CHY MICROCHIP-MCP1501-10E/CHY Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/RW MICROCHIP-MCP1501-10E/RW Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/SN MICROCHIP-MCP1501-10E/SN Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-12E/CHY MICROCHIP-MCP1501-12E/CHY Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
More results


Similar Description - MCP1501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
High Precision Voltage Reference
2/03-Data Sheet changed from REV. C to REV. D.
logo
National Semiconductor ...
LH0071 NSC-LH0071 Datasheet
131Kb / 6P
LH0070 Series Precision BCD Buffered Reference
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
Precision Low Drift Low Noise Buffered Reference
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
High-Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
High-Precision Buffered Voltage Reference
Revision A September 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com