Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301 Datasheet (PDF) - Microchip Technology

MCP16301 Datasheet PDF - Microchip Technology
Part # MCP16301_V01
Download  MCP16301 Download
File Size   783.48 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Voltage Input Integrated Switch Step-Down Regulator

MCP16301 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16301 Datasheet PDF - Microchip Technology

Part # MCP16301_V01
Download  MCP16301 Click to download

File Size   783.48 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Voltage Input Integrated Switch Step-Down Regulator

MCP16301 Datasheet (HTML) - Microchip Technology


MCP16301 Product details

General Description
The MCP16301/H devices are highly integrated,
high-efficiency, fixed-frequency, step-down DC-DC
converters in a popular 6-pin SOT-23 package, that
operate from input voltage sources up to 36V.
Integrated features include a high-side switch,
fixed-frequency peak current mode control, internal
compensation, peak current limit and overtemperature
protection. Only a few external components are
necessary to develop a complete step-down DC-DC
converter power supply.
High converter efficiency is achieved by integrating the
current-limited, low-resistance, high-speed N-Channel
MOSFET and associated drive circuitry. High
switching frequency minimizes the size of external
filtering components, resulting in a small solution size.
The MCP16301/H devices can supply 600 mA of
continuous current while regulating the output voltage
from 2.0V to 15V. An integrated, high-performance
peak current mode architecture keeps the output
voltage tightly regulated, even during input voltage
steps and output current transient conditions that are
common in power systems.
The EN input is used to turn the device on and off.
While turned off, only a few micro amps of current are
consumed from the input for power shedding and load
distribution applications.
Output voltage is set with an external resistor divider.
The MCP16301/H devices are offered in a
space-saving SOT-23-6 surface mount package.

Features
• Up to 96% Typical Efficiency
• Input Voltage Range:
- 4.0V to 30V (MCP16301)
- 4.7V to 36V (MCP16301H)
• Output Voltage Range: 2.0V to 15V
• 2% Output Voltage Accuracy
• Passes Automotive AEC-Q100 Reliability Testing
• Integrated N-Channel Buck Switch: 460 m
• Minimum 600 mA Output Current Over All Input
Voltage Range (See Figure 2-6 for Maximum
Output Current vs. VIN):
- Up to 1A output current at 3.3V, 5V and 12V
VOUT, SOT-23 package at +25°C ambient
temperature
• 500 kHz Fixed Frequency
• Adjustable Output Voltage
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Soft-Start
• Internal Compensation
• Stable with Ceramic Capacitors
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 3.5V
• Overtemperature Protection
• Available Package: SOT-23-6

Applications
• PIC® Microcontroller and dsPIC® Digital Signal
Controller Bias Supply
• 24V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery-Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
• D2 Package Linear Regulator Replacement
- See Figure 5-2
• Consumer
• Medical and Health Care
• Distributed Power Supplies




Similar Part No. - MCP16301_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301HT-E/CH MICROCHIP-MCP16301HT-E/CH Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301HT-E/CHY MICROCHIP-MCP16301HT-E/CHY Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301HT-I/CH MICROCHIP-MCP16301HT-I/CH Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301HT-I/CHY MICROCHIP-MCP16301HT-I/CHY Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301T MICROCHIP-MCP16301T Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
More results


Similar Description - MCP16301_V01

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
High Voltage Step Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com