Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633 Datasheet (PDF) - Microchip Technology

MCP1633 Datasheet PDF - Microchip Technology
Part # MCP1633
Download  MCP1633 Download
File Size   1231.56 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Side PWM Controller with LED Dimming Capability

MCP1633 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1633 Datasheet PDF - Microchip Technology

Part # MCP1633
Download  MCP1633 Click to download

File Size   1231.56 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Side PWM Controller with LED Dimming Capability

MCP1633 Datasheet (HTML) - Microchip Technology


MCP1633 Product details

General Description
The MCP1633 High Speed PWM Controller is a pulsewidth
modulator developed for standalone power
supply applications. The MCP1633 design is based on
the MCP1632 PWM Controller but includes specific
blocks for PWM LED dimming. It is suitable for use in
topologies requiring a low-side MOSFET, such as
Boost, Flyback, SEPIC, CUK, etc.
The MCP1633 uses Current Mode Control to provide
superior bandwidth and transient response, and also
cycle-by-cycle current limiting with adjustable peak
offset. The MCP1633 is also capable of operating in
Voltage Mode Control if required.
The switching frequency of the MCP1633 can be set by
an external resistor between 200 kHz and 2.2 MHz.
The MCP1633 reference voltage is adjustable by using
only one external resistor.
The MCP1633 integrates a current sense amplifier with
programmable gain using external resistors.
The MCP1633 can achieve high performance LED
dimming by “freezing” the compensation network and
load disconnect capability.
The MCP1633 integrates a high speed comparator with
a high performance error amplifier with a PWM latch to
perform the high speed analog Power Supply PWM
function.
Integrated Undervoltage Lockout, Overvoltage
protection and Overtemperature Protection make
designs using the MCP1633 robust over a range of
external conditions.

Features
• High Speed Current Mode Pulse-Width Modulator
(PWM) Controller
• Easy to Interface with PIC® Microcontroller for
Implementing High-Performance LED Drivers
• Integrated General Purpose Operational Amplifier
that can be Used for Current Sensing
• Internal Oscillator with Adjustable Frequency via
External Resistor
• External Synchronization Option for the Oscillator
• Internal Slope Compensation Circuit
• Current Sense to VEXT Response <120 ns Typical
• Internal Leading Edge Blanking Circuit for Current
Sense Input
• Programmable Current Sense Offset
• Internal Reference Voltage Generator
• Soft Start Capability
• Internal Push-Pull MOSFET Driver with 1A Peak
Current Capability
• Internal MOSFET Driver for Dimming/Load
Disconnect
• Input Voltage Range: 3V to 5.5V
• Undervoltage Lockout Circuit
• Output Overvoltage Protection
• Output Short Circuit Protection
• Overtemperature Protection
• Small 16-Pin QFN 3 x 3 mm Package
• Passes automotive AEC-Q100 reliability testing

Applications
• LED Drivers
• Switch Mode Power Supplies
• Brick DC-DC Converters




Similar Part No. - MCP1633

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
Low-Side PWM Controller with LED Dimming Capability
05/14/19
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331 MICROCHIP-MCP16331 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
MCP16331-E/CH MICROCHIP-MCP16331-E/CH Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331-E/MNY MICROCHIP-MCP16331-E/MNY Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
More results


Similar Description - MCP1633

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
Monolithic Power System...
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
High Voltage LED Controller with Internal PWM Dimming
logo
ON Semiconductor
FL3100T ONSEMI-FL3100T Datasheet
1,007Kb / 18P
Low-Side Gate Driver with LED PWM Dimming Control
Rev.1.0
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
Low-Side PWM Controller with LED Dimming Capability
05/14/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com