Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet (PDF) - Microchip Technology

MCP4725 Datasheet PDF - Microchip Technology
Part # MCP4725
Download  MCP4725 Download
File Size   2050.28 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12-Bit Digital-to-Analog Converter with EEPROM Memory

MCP4725 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP4725 Datasheet PDF - Microchip Technology

Part # MCP4725
Download  MCP4725 Click to download

File Size   2050.28 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12-Bit Digital-to-Analog Converter with EEPROM Memory

MCP4725 Datasheet (HTML) - Microchip Technology


MCP4725 Product details

General Description
The MCP4725 is a low-power, high accuracy, single
channel, 12-bit buffered voltage output Digital-to-
Analog Converter (DAC) with nonvolatile memory
(EEPROM). Its on-board precision output amplifier
allows it to achieve rail-to-rail analog output swing.
The DAC input and configuration data can be
programmed to the nonvolatile memory (EEPROM) by
the user using I2C interface command. The nonvolatile
memory feature enables the DAC device to hold the
DAC input code during power-off time, and the DAC
output is available immediately after power-up. This
feature is very useful when the DAC device is used as
a supporting device for other devices in the network.
The device includes a Power-on-Reset (POR) circuit to
ensure reliable power-up and an on-board charge
pump for the EEPROM programming voltage. The
DAC reference is driven from VDD directly. In powerdown
mode, the output amplifier can be configured to
present a known low, medium, or high resistance
output load.
The MCP4725 has an external A0 address bit selection
pin. This A0 pin can be tied to VDD or VSS of the user’s
application board.
The MCP4725 has a two-wire I2C compatible serial
interface for standard (100 kHz), fast (400 kHz), or high
speed (3.4 MHz) mode.
The MCP4725 is an ideal DAC device where design
simplicity and small footprint is desired, and for
applications requiring the DAC device settings to be
saved during power-off time.
The device is available in a small 6-pin SOT-23 and DFN package.

Features
• 12-Bit Resolution
• On-Board Nonvolatile Memory (EEPROM)
• ±0.2 LSB DNL (typical)
• External A0 Address Pin
• Normal or Power-Down Mode
• Fast Settling Time: 6 μs (typical)
• External Voltage Reference (VDD)
• Rail-to-Rail Output
• Low Power Consumption
• Single-Supply Operation: 2.7V to 5.5V
• I2C Interface:
- Eight Available Addresses
- Standard (100 kbps), Fast (400 kbps), and
High-Speed (3.4 Mbps) Modes
• Small 6-Lead SOT-23 and DFN Package Options
• Extended Temperature Range: -40°C to +125°C

Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Closed-Loop Servo Control
• Low Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems




Similar Part No. - MCP4725

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP4725A0T-E/CH MICROCHIP-MCP4725A0T-E/CH Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
MCP4725A0T-E/CH MICROCHIP-MCP4725A0T-E/CH Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
More results


Similar Description - MCP4725

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
MCP4725 MICROCHIP-MCP4725_09 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4728 MICROCHIP-MCP4728 Datasheet
3Mb / 66P
12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
2009
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com