Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPG100P Datasheet (PDF) - NEC

UPG100P Datasheet PDF - NEC
Part # UPG100P
Download  UPG100P Download
File Size   57.54 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW NOISE WIDE-BAND AMPLIFIER

UPG100P Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG100P Datasheet PDF - NEC

Part # UPG100P
Download  UPG100P Click to download

File Size   57.54 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW NOISE WIDE-BAND AMPLIFIER

UPG100P Datasheet (HTML) - NEC


UPG100P Product details

DESCRIPTION
The UPG100 is a GaAs monolithic integrated circuit designed as a low noise amplifier from 50 MHz to 3 GHz. This device is suitable for low noise IF gain stages in microwave communication and measurement equipment.

FEATURES
• ULTRA WIDE BAND: 50 MHz to 3 GHz
• LOW NOISE: 2.7 dB TYP at f = 50 MHz to 3 GHz
• INPUT/OUTPUT IMPEDANCE MATCHED TO 50 Ω
• HERMETIC SEALED PACKAGE ASSURES HIGH RELIABILITY
• WIDE OPERATING TEMPERATURE RANGE




Similar Part No. - UPG100P

ManufacturerPart #DatasheetDescription
logo
NEC
UPG100P NEC-UPG100P Datasheet
106Kb / 8P
WIDE BAND AMPLIFIER CHIPS
logo
Renesas Technology Corp
UPG100P RENESAS-UPG100P Datasheet
212Kb / 10P
GaAs INTEGRATED CIRCUIT
1992
More results


Similar Description - UPG100P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
UHF Low-Noise, Wide-Band Amplifier Applications???????
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
logo
Sanyo Semicon Device
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
logo
New Japan Radio
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
Wide Band Low Noise Amplifier GaAs MMIC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com