Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1020V Datasheet (PDF) - Cypress Semiconductor

CY7C1020V Datasheet PDF - Cypress Semiconductor
Part # CY7C1020V
Download  CY7C1020V Download
File Size   179.45 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 16 Static RAM

CY7C1020V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1020V Datasheet PDF - Cypress Semiconductor

Part # CY7C1020V
Download  CY7C1020V Click to download

File Size   179.45 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 16 Static RAM

CY7C1020V Datasheet (HTML) - Cypress Semiconductor


CY7C1020V Product details

Functional Description
The CY7C1020V is a high-performance CMOS static RAM organized as 32,768 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected.

Features
• 3.3V operation (3.0V - 3.6V)
• High speed
   — tAA = 10 ns
• Low active power
   — 540 mW (max., 12 ns)
• Very Low standby power
   — 330 µW (max., “L” version)
• Automatic power-down when deselected
• Independent Control of Upper and Lower bytes
• Available in 44-pin TSOP II and 400-mil SOJ




Similar Part No. - CY7C1020V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
190Kb / 10P
32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
183Kb / 9P
32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
175Kb / 9P
32K x 16 Static RAM
More results


Similar Description - CY7C1020V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
512K (32K x 16) Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
32K x 16 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com