Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-C540 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMA-C540 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMA-C540
Download  HSMA-C540 Download
File Size   195.69 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Oval Lens High Performance Surface Mount LEDs

HSMA-C540 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMA-C540 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMA-C540
Download  HSMA-C540 Click to download

File Size   195.69 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Oval Lens High Performance Surface Mount LEDs

HSMA-C540 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMA-C540 Product details

Description

These high performance HSMx-C540 surface mount LEDs are specifically designed for indoor full color signs and passenger infor mation signs. The oval shaped radiation pattern (40° x 100°) and high luminous intensity ensure that these devices are excellent for wide field of view indoor applications.



Features

• Super wide viewing angle Major axis 100° Minor axis 40°

• Smooth, consistent spatial radiation pattern

• Small 2.0 x 1.25 mm footprint

• High luminous output

• Compatible with IR solder reflow

• Colors available: 626/629 nm red, 590 nm amber, 525 nm green, 470 nm blue

• Available in 8 mm tape on 7" (178 mm) diameter reels

• Tinted, non-diffused epoxy



Benefits

• Viewing angle designed for wide field of view application

• Red, green, blue radiation patterns matched for indoor full color signs

• Small package footprint enables small pitch size for full color signs

• Superior for indoor full color signs



Applications (Indoor)

• Indoor full color sign

• Commercial indoor advertising

• Indoor variable message sign

• Status indication

• Front panel indicator



 




Similar Part No. - HSMA-C540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C110 AVAGO-HSMA-C110 Datasheet
420Kb / 11P
High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C110 BOARDCOM-HSMA-C110 Datasheet
191Kb / 9P
High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C120 HP-HSMA-C120 Datasheet
210Kb / 10P
Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C120 AVAGO-HSMA-C120 Datasheet
188Kb / 10P
High Performance Chip LEDs
More results


Similar Description - HSMA-C540

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
High Performance Surface Mount Chip LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
Side View Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
Precision Optical Performance Red 4mm Standard Oval LEDs
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
Surface mount Lens LEDs
2021.11 - Rev.014
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com