Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3319CX6 Datasheet (PDF) - Nexperia B.V. All rights reserved

IP3319CX6 Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP3319CX6
Download  IP3319CX6 Download
File Size   928.66 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-channel common-mode filter with integrated ESD protection network

IP3319CX6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP3319CX6 Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP3319CX6
Download  IP3319CX6 Click to download

File Size   928.66 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-channel common-mode filter with integrated ESD protection network

IP3319CX6 Datasheet (HTML) - Nexperia B.V. All rights reserved


IP3319CX6 Product details

1.1 General description
2-lines (one differential channel) common-mode filter with integrated ESD protection up to
15 kV contact discharge, exceeding IEC 61000-4-2, level 4. The device can eliminate
efficiently common-mode noise from USB 2.0 and other high-speed interfaces with
differential lines. IP3319CX6 attenuates significantly common-mode noise above
800 MHz while differential-mode signal extends out to more than 1 GHz before reaching
the 3 dB point.
IP3319CX6 is designed to protect sensitive I/Os, such as USB 2.0, Ethernet, Digital Video
Interface (DVI) and Low-Voltage Differential Signaling (LVDS) interfaces from destruction
by ElectroStatic Discharge (ESD).
IP3319CX6 is a combination of an integrated copper-coils common-mode filter and a
monolithic silicon technology-based ESD protection. It integrates two ultra-low
capacitance rail-to-rail diodes plus a separated protection diode in a 0.4 mm pitch
Wafer-Level Chip-Size Package (WLCSP). Due to the rail-to-rail concept, the protection is
working independently from availability of a supply voltage
1.2 Features and benefits
1.3 Applications
 2-lines (one differential mode)
common-mode filter
 ESD protection up to 15 kV on external
contact pins
 ESD protection for the USB ID line  Ultra low ESD diode capacitance
 Extremely low clamping voltage  WLCSP6 with 0.4 mm pitch
 USB 2.0 High-speed lines  DVI
 LVDS interfaces




Similar Part No. - IP3319CX6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3319CX6 NXP-IP3319CX6 Datasheet
316Kb / 15P
Ultra low ESD diode capacitance
Rev. 1-30 January 2013
IP3319CX6 PHILIPS-IP3319CX6_15 Datasheet
363Kb / 15P
Single-channel common-mode filter with integrated ESD protection network
Rev. 2-29 May 2013
More results


Similar Description - IP3319CX6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI2121 ONSEMI-EMI2121 Datasheet
255Kb / 9P
Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI2124MTTAG ONSEMI-EMI2124MTTAG Datasheet
272Kb / 10P
Single Pair Common Mode Filter with ESD Protection
May, 2012 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
logo
NXP Semiconductors
IP3319CX6 PHILIPS-IP3319CX6_15 Datasheet
363Kb / 15P
Single-channel common-mode filter with integrated ESD protection network
Rev. 2-29 May 2013
logo
ON Semiconductor
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
Dual channel integrated passive filter network with ESD protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com