Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1405243 Datasheet (PDF) - PHOENIX CONTACT

1405243 Datasheet PDF - PHOENIX CONTACT
Part # 1405243
Download  1405243 Download
File Size   465.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MS-17CON-M16/0,5 VA - Device connector front mounting

1405243 Datasheet (PDF)

Go To PDF Page Download Datasheet
1405243 Datasheet PDF - PHOENIX CONTACT

Part # 1405243
Download  1405243 Click to download

File Size   465.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MS-17CON-M16/0,5 VA - Device connector front mounting

1405243 Datasheet (HTML) - PHOENIX CONTACT


1405243 Product details

Device connector front mounting, Universal, 17-position, Flush-type male connector, straight,
M12-Standard, coding: A , on free cable end, Front mounting, M16 x 1.5, Individual wires, cable
length: 0.5 m, 0.14 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1238716

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1405243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405240 PHOENIX-1405240 Datasheet
109Kb / 1P
HOUSING WITH CRIMP CONTACTS REAR MOUNTING
1405242 PHOENIX-1405242 Datasheet
89Kb / 1P
HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
1405244 PHOENIX-1405244 Datasheet
93Kb / 1P
HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
More results


Similar Description - 1405243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419726 PHOENIX-1419726 Datasheet
470Kb / 13P
SACC-DSI-M12MS-17CON-M16/0,5 - Device connector, rear mounting
1458868 PHOENIX-1458868 Datasheet
540Kb / 13P
SACC-E-M12MS-5CON-M16/0,5 VA - Device connector front mounting
1452107 PHOENIX-1452107 Datasheet
414Kb / 11P
SACC-E-M12MS-8CON-M20/0,5 VA - Device connector front mounting
1436411 PHOENIX-1436411 Datasheet
539Kb / 13P
SACC-E-M12MS-5CON-M16/0,5 P - Device connector front mounting
1436424 PHOENIX-1436424 Datasheet
441Kb / 12P
SACC-E-M12MS-8CON-M16/0,5 P - Device connector front mounting
1458842 PHOENIX-1458842 Datasheet
443Kb / 12P
SACC-E-M12FS-8CON-M16/0,5 VA - Device connector front mounting
1554568 PHOENIX-1554568 Datasheet
560Kb / 12P
SACC-E-M12MS-5CON-PG 9/0,5 VA - Device connector front mounting
1556304 PHOENIX-1556304 Datasheet
465Kb / 11P
SACC-E-MS-17CON-M16/0,5 SCO - Device connector front mounting
1441600 PHOENIX-1441600 Datasheet
427Kb / 10P
SACC-SQ-M12MS-17CON-25F/0,5 - Device connector front mounting
1441846 PHOENIX-1441846 Datasheet
530Kb / 11P
SACC-DSI-M12MS-17CON-M16 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com