Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1622016 Datasheet (PDF) - PHOENIX CONTACT

1622016 Datasheet PDF - PHOENIX CONTACT
Part # 1622016
Download  1622016 Download
File Size   572.55 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPS48A8LB1 - Cable connector

1622016 Datasheet (PDF)

Go To PDF Page Download Datasheet
1622016 Datasheet PDF - PHOENIX CONTACT

Part # 1622016
Download  1622016 Click to download

File Size   572.55 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPS48A8LB1 - Cable connector

1622016 Datasheet (HTML) - PHOENIX CONTACT


1622016 Product details

M23, Cable connector, SH, straight long, shielded: yes, Screw locking, No. of pos.: 8+4+PE, type
of contact: Pin, Crimp connection, cable diameter range: 15 mm ... 18 mm, coding:N, Alternative
product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1244518

Your advantages
• All housing can be fitted with pin or socket contacts
• A total of eight contacts are available for signal transmission
• Reduced connection time with optional SPEEDCON fast locking system
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1622016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622010 PHOENIX-1622010 Datasheet
653Kb / 20P
SH-8EPC58A8LB2 - Cable connector
1622011 PHOENIX-1622011 Datasheet
679Kb / 20P
SH-8EPC58A8LB1 - Cable connector
1622012 PHOENIX-1622012 Datasheet
570Kb / 15P
SH-8EPS48A8LDL - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622014 PHOENIX-1622014 Datasheet
502Kb / 16P
SH-8EPS48A8LB3 - Cable connector
More results


Similar Description - 1622016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com