Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POC-W243L Datasheet (PDF) - Advantech Co., Ltd.

POC-W243L Datasheet PDF - Advantech Co., Ltd.
Part # POC-W243L
Download  POC-W243L Download
File Size   1262.65 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24" Clinical Grade Widescreen Point-of-Care Terminal

POC-W243L Datasheet (PDF)

Go To PDF Page Download Datasheet
POC-W243L Datasheet PDF - Advantech Co., Ltd.

Part # POC-W243L
Download  POC-W243L Click to download

File Size   1262.65 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24" Clinical Grade Widescreen Point-of-Care Terminal

POC-W243L Datasheet (HTML) - Advantech Co., Ltd.


POC-W243L Product details

Features
Runs on Intel® 7th generation, Kabylake processor with a fanless, high
performance profile
24" full HD resolution, IPS LCD with edge to edge, bezel-less design
Offers a multi-touch option to deliver a truly unmatched touchscreen
experience
IPX1 water resistant enclosure with additional IP65 dust-tight front panel
Isolated design provides unique electric leakage protection for LAN ports
Optional Bluetooth, RFID inner WLAN module, and RS232 COM ports




Similar Part No. - POC-W243L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W243 ADVANTECH-POC-W243 Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-A11D-ACE ADVANTECH-POC-W243-A11D-ACE Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-B11D-ACE ADVANTECH-POC-W243-B11D-ACE Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-C11D-ACE ADVANTECH-POC-W243-C11D-ACE Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-WF3E ADVANTECH-POC-W243-WF3E Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
More results


Similar Description - POC-W243L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W211-A01D-ATE ADVANTECH-POC-W211-A01D-ATE Datasheet
634Kb / 2P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W152-BT0E ADVANTECH-POC-W152-BT0E Datasheet
536Kb / 2P
15.6 Widescreen Point-of-Care Terminal
POC-W152-WF0E ADVANTECH-POC-W152-WF0E Datasheet
536Kb / 2P
15.6 Widescreen Point-of-Care Terminal
POC-W212IP54 ADVANTECH-POC-W212IP54 Datasheet
649Kb / 2P
21.5' Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
POC-W212C ADVANTECH-POC-W212C Datasheet
484Kb / 2P
21.5 Widescreen Point-of-Care Terminal with Fanless and Slim Design
9-Dec-2016
POC-W213-IP54 ADVANTECH-POC-W213-IP54 Datasheet
1Mb / 4P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
POC-W213L ADVANTECH-POC-W213L Datasheet
1Mb / 2P
21" Clinical Grade Widescreen Point-of-Care Terminal
17-Mar-2020
POC-WP213 ADVANTECH-POC-WP213 Datasheet
1Mb / 4P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com