Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP1-DC3V-R Datasheet (PDF) - Nais(Matsushita Electric Works)

DSP1-DC3V-R Datasheet PDF - Nais(Matsushita Electric Works)
Part # DSP1-DC3V-R
Download  DSP1-DC3V-R Download
File Size   174.53 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description MINIATURE POWER RELAY IN DS RELAY SERIES

DSP1-DC3V-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP1-DC3V-R Datasheet PDF - Nais(Matsushita Electric Works)

Part # DSP1-DC3V-R
Download  DSP1-DC3V-R Click to download

File Size   174.53 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description MINIATURE POWER RELAY IN DS RELAY SERIES

DSP1-DC3V-R Datasheet (HTML) - Nais(Matsushita Electric Works)


DSP1-DC3V-R Product details

FEATURES

• Power types added to DS relay series

• High switching capacity: 1a: 8 A 250 V AC / 1a1b, 2a: 5 A 250 V AC

• High sensitivity: 190 mW pick-up power

• High contact welding resistance

• Latching types available

• High breakdown voltage 3,000 Vrms between contacts and coil

   1,000 Vrms between open contacts Meeting FCC Part 68

• Sealed types are standard



TYPICAL APPLICATIONS

Office and industrial electronic devices

• Terminal devices of information process ing equipment, such as printer, data re corder.

• Office equipment (copier, facsimile)

• Measuring instruments

• NC machines, temperature controllers  and programmable logic controllers.



 




Similar Part No. - DSP1-DC3V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSP1-DC3V-F ETC2-DSP1-DC3V-F Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC3V-F PANASONIC-DSP1-DC3V-F Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1-DC3V-F PANASONIC-DSP1-DC3V-F Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results


Similar Description - DSP1-DC3V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com