Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608B Datasheet (PDF) - Microchip Technology

ATECC608B Datasheet PDF - Microchip Technology
Part # ATECC608B
Download  ATECC608B Download
File Size   984.59 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CryptoAuthentication™ Device Summary Data Sheet

ATECC608B Datasheet (PDF)

Go To PDF Page Download Datasheet
ATECC608B Datasheet PDF - Microchip Technology

Part # ATECC608B
Download  ATECC608B Click to download

File Size   984.59 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CryptoAuthentication™ Device Summary Data Sheet

ATECC608B Datasheet (HTML) - Microchip Technology


ATECC608B Product details

Features
• Cryptographic Co-Processor with Secure Hardware-Based Key Storage:
– Protected storage for up to 16 keys, certificates or data
• Hardware Support for Asymmetric Sign, Verify, Key Agreement:
– ECDSA: FIPS186-3 Elliptic Curve Digital Signature
– ECDH: FIPS SP800-56A Elliptic Curve Diffie-Hellman
– NIST Standard P256 Elliptic Curve Support
• Hardware Support for Symmetric Algorithms:
– SHA-256 & HMAC Hash including off-chip context save/restore
– AES-128: Encrypt/Decrypt, Galois Field Multiply for GCM
• Networking Key Management Support:
– Turnkey PRF/HKDF calculation for TLS 1.2 & 1.3
– Ephemeral key generation and key agreement in SRAM
– Small message encryption with keys entirely protected
• Secure Boot Support:
– Full ECDSA code signature validation, optional stored digest/signature
– Optional communication key disablement prior to secure boot
– Encryption/Authentication for messages to prevent on-board attacks
• Internal High-Quality NIST SP 800-90A/B/C Random Number Generator (RNG)
• Two High-Endurance Monotonic Counters
• Unique 72-Bit Serial Number
• Two Interface Options Available:
– High-Speed Single Wire Interface with One GPIO Pin
– 1 MHz Standard I2C Interface
• 1.8V to 5.5V IO Levels, 2.0V to 5.5V Supply Voltage
• Two Temperature Ranges Available:
– Standard Industrial Temperature Range: -40℃ to +85℃
– Extended Industrial Temperature Range: -40℃ to +100℃
• <150 nA Sleep Current
• Packaging Options
– 8-pad UDFN, 8-lead SOIC and 3-Lead Contact Package Options
– Die-on-Tape and Reel and WLCSP for Qualified Customers (Contact Microchip Sales)

Applications
• IoT network endpoint key management & exchange
• Encryption for small messages and PII data
• Secure Boot and Protected Download
• Ecosystem Control, Anti-cloning




Similar Part No. - ATECC608B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A MICROCHIP-ATECC608A Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
ATECC608A MICROCHIP-ATECC608A Datasheet
190Kb / 2P
SAMD21 ML Evaluation Kit with TDK InvenSense 6-axis MEMS
ATECC608A-MAHDA-S MICROCHIP-ATECC608A-MAHDA-S Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A-TNGACTS-B MICROCHIP-ATECC608A-TNGACTS-B Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
More results


Similar Description - ATECC608B

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
Stratix Device Family Data Sheet
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
logo
Altera Corporation
EP3C5 ALTERA-EP3C5_1 Datasheet
778Kb / 34P
Cyclone III Device Data Sheet
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
Stratix II Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
Stratix II GX Device Data Sheet
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATSHA206A MICROCHIP-ATSHA206A Datasheet
1Mb / 22P
ATSHA206A Summary Data Sheet
2021
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
MAX II Device Family Data Sheet
December 2006
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com