Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCC1A Datasheet (PDF) - Microchip Technology

VCC1A Datasheet PDF - Microchip Technology
Part # VCC1A
Download  VCC1A Download
File Size   985.27 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Crystal Oscillator

VCC1A Datasheet (PDF)

Go To PDF Page Download Datasheet
VCC1A Datasheet PDF - Microchip Technology

Part # VCC1A
Download  VCC1A Click to download

File Size   985.27 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Crystal Oscillator

VCC1A Datasheet (HTML) - Microchip Technology


VCC1A Product details

Features
• Ultra-Low Jitter, Fundamental or 3rd Overtone
Crystal Design
• CMOS Output Crystal Oscillator
• Output Frequencies from 32 kHz to 160.000 MHz
• 1.8V, 2.5V, 3.3V, or 5.0V Operation
• Output Disable Feature
• Excellent ±25 ppm Temperature Stability
• –10°C to +70°C, –40°C to +85°C, –40°C to
+105°C, –40°C to +125°C, or –55°C to +125°C
Operating Temperature
• Small, Industry-Standard 7 mm x 5 mm LDFN
Package
• Product is Compliant to RoHS Directive and Fully
Compatible with Lead-Free Assembly (Excluding
Solder-Dipped _SNPB Option)

Applications
• SONET/SDH/DWDM
• Ethernet, GE, SyncE
• Storage Area Networking
• Fibre Channel
• Digital Video
• Broadband Access
• Base Stations, Picocells
• Driving A/Ds, D/As, FPGAs
• Test and Measurement
• COTS

General Description
Microchip’s VCC1A crystal oscillator (XO) is a quartz
stabilized, square wave generator with a CMOS output.
The VCC1A uses a fundamental or 3rd overtone crystal
that results in very low jitter performance and uses a
monolithic IC that improves reliability and reduces cost.




Similar Part No. - VCC1A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1 VECTRON-VCC1 Datasheet
256Kb / 10P
CMOS Crystal Oscillator
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
Crystal Oscillators
VCC1-105 VECTRON-VCC1-105 Datasheet
44Kb / 2P
Crystal Oscillators
VCC1-A0A VECTRON-VCC1-A0A Datasheet
179Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Similar Description - VCC1A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-DAW-E VECTRON-VC-801-DAW-E Datasheet
211Kb / 8P
CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
CMOS Crystal Oscillator
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
logo
Epson Company
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com