Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM-800 Datasheet (PDF) - Kendall Howard

CM-800 Datasheet PDF - Kendall Howard
Part # CM-800
Download  CM-800 Download
File Size   829.09 Kbytes
Page   2 Pages
Manufacturer  KENDALLHOWARD [Kendall Howard]
Direct Link  https://www.kendallhoward.com/
Logo KENDALLHOWARD - Kendall Howard
Description WALL MOUNT CHARGING STATION

CM-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM-800 Datasheet PDF - Kendall Howard

Part # CM-800
Download  CM-800 Click to download

File Size   829.09 Kbytes
Page   2 Pages
Manufacturer  KENDALLHOWARD [Kendall Howard]
Direct Link  https://www.kendallhoward.com/
Logo KENDALLHOWARD - Kendall Howard
Description WALL MOUNT CHARGING STATION

CM-800 Datasheet (HTML) - Kendall Howard


CM-800 Product details

FEATURES
Holds Multiple Devices - The Wall Mount Charging Station has four shelves that can hold up to three devices per shelf.
Depending on the size and orientation of each device, it can hold 8-12, 12” tablets (or laptops).
Adhesive Cable Holders & Cable Slots - To run cables in the direction you prefer, nine adhesive cable holders are
included. Upon installation, put each adhesive cable holder in the location of your choice. Then run cords through the
cable slots down to the power strip located in the bottom panel.
Locking, Front Dual Doors - To maintain security, the Wall Mount Charging Station can only be accessed with a key.
Both doors are also a solid design to prevent unauthorized viewing.
Edge Protectors - Each shelf is lined with rubber strips to help prevent damage to devices.
Knockouts - Laser knockouts are featured on the top and bottom of the cabinet, providing cable entry points. Grommets
are also included for these knockouts.
Minimalist Design - The Wall Mount Charging Station was designed to adapt with evolving technology. It’s a universal
storage center that works with multiple brands, sizes, and styles of tablets and laptops.
Ventilation - Vented slots throughout the cabinet provide convenient air flow inside the cabinet to help keep the devices
cool.
Aluminum Design - With its aluminum construction, the Wall Mount Charging Station is light weight and easy to install.




Similar Part No. - CM-800

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CM-0.8M-A ADAM-TECH-CM-0.8M-A Datasheet
196Kb / 1P
CUSTOM ASSEMBLY, CABLE USB4.0 30/32/24/26AWG USB C PLUG TO USB C PLUG
logo
List of Unclassifed Man...
CM-017L ETC-CM-017L Datasheet
20Kb / 1P
Through Hole Common Mode Choke
logo
TE Connectivity Ltd
CM-01B TEC-CM-01B Datasheet
145Kb / 3P
CONTACT MICROPHONE CM-01B
9/2015
logo
PREMO CORPORATION S.L
CM-020 PREMO-CM-020 Datasheet
174Kb / 1P
SMD Current Transformer Up to 6A
CM-030 PREMO-CM-030 Datasheet
174Kb / 1P
SMD Current Transformer Up to 6A
More results


Similar Description - CM-800

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
44535 EXTECH-44535 Datasheet
94Kb / 1P
Wall Mount Weather Station Clock
logo
Tripp Lite. All Rights ...
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
logo
Broadband TelCom Power,...
EVP-2001-30-W-0001 BTCPOWER-EVP-2001-30-W-0001 Datasheet
247Kb / 1P
AC Level 2 30A SINGLE or DUAL PORT CHARGING STATION (WALL MOUNT)
EVP-2001-40-W-0001 BTCPOWER-EVP-2001-40-W-0001 Datasheet
245Kb / 1P
AC Level 2 40A SINGLE or DUAL PORT CHARGING STATION (WALL MOUNT)
EVP-2001-70-W-0001 BTCPOWER-EVP-2001-70-W-0001 Datasheet
223Kb / 1P
AC Level 2 70A SINGLE PORT CHARGING STATION (WALL MOUNT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com