Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4283CZ10_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4283CZ10_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4283CZ10_SER
Download  IP4283CZ10_SER Download
File Size   1195.61 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for ultra high-speed interfaces

IP4283CZ10_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4283CZ10_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4283CZ10_SER
Download  IP4283CZ10_SER Click to download

File Size   1195.61 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for ultra high-speed interfaces

IP4283CZ10_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4283CZ10_SER Product details

1.1 General description
The devices are designed to protect high-speed interfaces such as High-Definition
Multimedia Interface (HDMI), DisplayPort, external Serial Advanced Technology
Attachment (eSATA) and Low-Voltage Differential Signaling (LVDS) interfaces against
ElectroStatic Discharge (ESD).
The devices include four high-level ESD protection diode structures for ultra high-speed
signal lines. They are available in three package variants: DFN2510-10 (SOT1165-1),
DFN2510A-10 (SOT1176-1) and TSSOP10 (SOT552-1).
All signal lines are protected by a special diode configuration offering ultra low line
capacitance of only 0.6 pF. These diodes provide protection to downstream components
from ESD voltages up to 8 kV contact according to IEC 61000-4-2, level 4.
1.2 Features and benefits
 System ESD protection for HDMI, DisplayPort, eSATA and LVDS
 All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of 8 kV according to IEC 61000-4-2, level 4
 Matched 0.5 mm trace spacing
 Signal lines with  0.05 pF matching capacitance between signal pairs
 Line capacitance of only 0.6 pF for each channel
 Design-friendly ‘pass-thru’ signal routing
1.3 Applications
The devices are designed for high-speed receiver and transmitter port protection:
 TVs, monitors
 DVD recorders and players
 Notebooks, main board graphics cards and ports
 Set-top boxes and game consoles




Similar Part No. - IP4283CZ10_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10_SER PHILIPS-IP4283CZ10_SER_15 Datasheet
563Kb / 14P
ESD protection for ultra high-speed interfaces
Rev. 4-8 April 2013
More results


Similar Description - IP4283CZ10_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR4 PHILIPS-PUSB3FR4_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 1-26 January 2015
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com