Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4359CX4 Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4359CX4 Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4359CX4
Download  IP4359CX4 Download
File Size   609.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual channel low capacitance high performance ESD protection

IP4359CX4 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4359CX4 Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4359CX4
Download  IP4359CX4 Click to download

File Size   609.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual channel low capacitance high performance ESD protection

IP4359CX4 Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4359CX4 Product details

1.1General description
The IP4359CX4 is a dual channel low capacitance ElectroStatic Discharge (ESD) protection device, providing protection to downstream components from ESD voltages as high as ±15 kV contact discharge and > ±15 kV air discharge according the IEC 61000-4-2 model, far exceeding standard level 4.
The device is optimized for protection of high speed interfaces such as Universal Serial Bus (USB) 2.0, High Definition Multimedia Interface (HDMI), Digital Visual Interface (DVI) and other interfaces requiring very low capacitance ESD protection.
The device is available in two different heights. 0.61 mm and reduced maximum height of 0.5 mm. Both versions contain identical circuits and show an identical electrical performance. Both ESD protection channels share common ground connections, but are electrically separated, thereby preventing current back drive into the adjacent channel. IP4359CX4 is fabricated using monolithic silicon technology in a single Wafer-Level Chip-Scale Package (WLCSP). These features make the IP4359CX4 ideal for use in applications requiring component miniaturization such as mobile phone handsets and other portable electronic devices.
1.2Features and benefits
Pb-free, RoHS compliant and free of halogen and antimony (Dark Green compliant)
2 ultra low input capacity rail-to-rail ESD protection diodes with C(I/O-GND) = 1.3 pF
Rdyn = 0.45 Ω
Integrated ESD protection withstanding ±15 kV contact discharge and > ±15 kV air discharge, far exceeding IEC 61000-4-2 level 4
Standard height version (0.61 mm) available as IP4359CX4/LF
Reduced height version (maximum height of 0.5 mm) available as IP4359CX4/LF-H500
2 × 2 solder ball WLCSP with 0.4 mm pitch
1.3Applications
High-speed interface ESD protection such as USB 2.0, HDMI, DVI etc.
Interfaces with special requirements on low capacitive ESD protection
Interfaces requiring separation of the positive clamping voltage/current path




Similar Part No. - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4359CX4 NXP-IP4359CX4 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
IP4359CX4-H500 NXP-IP4359CX4-H500 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
IP4359CX4LF NXP-IP4359CX4LF Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
IP4359CX4LF-H500 NXP-IP4359CX4LF-H500 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
More results


Similar Description - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
391Kb / 12P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April 2010 ??Rev. 3
logo
NXP Semiconductors
IP4359CX4 NXP-IP4359CX4 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1641 ONSEMI-CM1641_11 Datasheet
228Kb / 6P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. 5
logo
Nexperia B.V. All right...
IP4358CX6 NEXPERIA-IP4358CX6 Datasheet
582Kb / 12P
Quad channel low capacitance high performance ESD protection
logo
ON Semiconductor
ESD7272 ONSEMI-ESD7272 Datasheet
323Kb / 6P
ESD Protection Diodes, Low Capacitance, Dual Channel
April, 2019 ??Rev. 0
logo
TECH PUBLIC Electronics...
IP4221CZ6-S TECHPUBLIC-IP4221CZ6-S Datasheet
1Mb / 4P
Low-Capacitance 4-Channel ESD-Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com