Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1228 Datasheet (PDF) - Texas Instruments

ISO1228 Datasheet PDF - Texas Instruments
Part # ISO1228
Download  ISO1228 Download
File Size   1282.95 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics

ISO1228 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1228 Datasheet PDF - Texas Instruments

Part # ISO1228
Download  ISO1228 Click to download

File Size   1282.95 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics

ISO1228 Datasheet (HTML) - Texas Instruments


ISO1228 Product details

1 Features
• Eight Configurable IEC 61131-2 Type 1, 2, 3
Isolated Digital Inputs
• Low Power and Heat Dissipation
– Selectable Input Current Limit
– Field Side LED Drivers Using Input Current
• Supports Sourcing and Sinking Type Inputs
• Wire-break Detection in Sink Mode
• Integrated Field Supply Voltage Monitor
• Programmable Glitch Filters
• Built in CRC check across Barrier
• Serial SPI and Parallel Output Options
– Supports SPI Daisy Chaining
– Supports SPI Burst Mode
• Integrated IEC ESD and Surge Protection
• High CMTI(Typ): 75 kV/μs
• VCC1 Logic Supply Voltage Range: 1.71 V to 5.5 V
• AVCC Field Supply Voltage Range (Sink mode):
8.5 V to 36 V
• AVCC Field Supply Voltage Range (Source mode):
13 V to 36 V
• Ambient Temperature Range: –40°C to 125°C
• Small Footprint 38-SSOP Package
• Safety-related certifications:
– 4242-VPK VIOTM and 637-VPK VIORM per DIN V
VDE V 0884-11
– 3000-VRMS Isolation for 1 Minute per UL 1577
– IEC 62368-1, IEC 61010-1 and GB
4943.1-2011Certifications
– All Certifications Planned

2 Applications
• Programmable Logic Controllers (PLC)
– Digital Input Modules
– Mixed Input Modules
• Motor Drive Digital Inputs
• Binary Input Modules
• CNC Control
• Industrial Transport Digital Inputs

3 Description
The ISO1228 is an eight-channel isolated 24-V digital
input receivers, configurable to IEC 61131-2 Type
1, 2, and 3 characteristics. The ISO1228 includes
resistor-programmable accurate current limit and
field side input-current-powered LED indication to
reduce system power dissipation and reduce board
temperatures. ISO1228 can be configured for both
sourcing and sinking type digital inputs with minimal
hardware change. Both serial SPI and parallel output
modes are available. Wire-break detection, field side
supply voltage monitoring and built-in CRC help
improve system reliability. In-built glitch filters and
integrated IEC-ESD and surge protection help to
achieve a robust design.
The ISO1228 operates over the logic supply range
of 1.71 V to 5.5 V, supporting 1.8-V, 2.5-V, 3.3-V,
and 5-V controllers. Field side output voltage range
supported is 8.5 V to 36 V in sink mode and 13 V
to 36 V in source mode. ISO1228 supports up to 1.5-
Mbps data rates passing a minimum pulse width of
667 ns for high-speed operation.




Similar Part No. - ISO1228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1228 TI1-ISO1228 Datasheet
1Mb / 44P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
ISO1228DFBR TI1-ISO1228DFBR Datasheet
1Mb / 44P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
ISO1228 TI1-ISO1228_V01 Datasheet
1Mb / 44P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
More results


Similar Description - ISO1228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Texas Instruments
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
24 V, Eight-Channel Digital-Input Serializer
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
PHOENIX CONTACT
5632B PHOENIX-5632B Datasheet
334Kb / 14P
Digital Input/Output Module With Eight Inputs and Eight Outputs
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com