Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR5307S Datasheet (PDF) - List of Unclassifed Manufacturers

VR5307S Datasheet PDF - List of Unclassifed Manufacturers
Part # VR5307S
Download  VR5307S Download
File Size   426.97 Kbytes
Page   33 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single Color ?5 Flush Mount Round Shape Type

VR5307S Datasheet (PDF)

Go To PDF Page Download Datasheet
VR5307S Datasheet PDF - List of Unclassifed Manufacturers

Part # VR5307S
Download  VR5307S Click to download

File Size   426.97 Kbytes
Page   33 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single Color ?5 Flush Mount Round Shape Type

VR5307S Datasheet (HTML) - List of Unclassifed Manufacturers


VR5307S Product details

[SANLEY]

Features
Product features
• Outer Dimension φ 5 Round shape type
• Operation temperature range.
    Storage Temperature :-30℃~ 100℃
    Operating Temperature :-30℃~ 85℃
• No lead package and lead–free soldering compatible
• RoHS compliant




Similar Part No. - VR5307S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VR5307S STANLEY-VR5307S Datasheet
436Kb / 33P
Single Color ?5 Round Shape Type
More results


Similar Description - VR5307S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AY5362X ETC1-AY5362X Datasheet
390Kb / 33P
Single Color phi 5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
Single Color ?5 Flush Mount Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com