Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXT4557GU Datasheet (PDF) - Nexperia B.V. All rights reserved

NXT4557GU Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXT4557GU
Download  NXT4557GU Download
File Size   261.89 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description SIM card interface level translator with enable pin

NXT4557GU Datasheet (PDF)

Go To PDF Page Download Datasheet
NXT4557GU Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXT4557GU
Download  NXT4557GU Click to download

File Size   261.89 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description SIM card interface level translator with enable pin

NXT4557GU Datasheet (HTML) - Nexperia B.V. All rights reserved


NXT4557GU Product details

1. General description
The NXT4557 device is built for interfacing a SIM card with a single low-voltage host side interface.
The NXT4557 has three level translators to convert the data, RST and CLK signals between a
SIM card and a host microcontroller. A high speed level translation capable of supporting class-B,
class-C SIM cards. An active HIGH EN pin enables normal operation of the translator. A HIGH
to LOW transition on pin EN initiates a shutdown sequence on SIM card pins in accordance with
ISO-7816-3.
The NXT4557 is compliant with all ETSI, IMT-2000 and ISO-7816 SIM/Smart card interface
requirements.
2. Features and benefits
• Support SIM cards and eSIM with supply voltages 1.62 V to 3.3 V
• Host micro-controller operating voltage range: 1.08 V to 1.98 V
• Automatic level translation of I/O, RST and CLK between SIM card and host side interface with
capacitance isolation
• Incorporates shutdown feature for the SIM card signals according to ISO-7816-3
• High Vdis(UVLO_AC) switching level, arranging quick shut down when VCC_SIM powers down
• Integrated pull-up resistors; no external resistor required
• Integrated EMI Filters suppresses higher harmonics of digital I/O's
• A HIGH EN signal enables the translation of the signals
• Low current shutdown mode < 1 μA
• Supports clock speed beyond 5 MHz clock
• Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen and
antimony (Dark Green compliant)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2 kV
• CDM ANSI/ESDA/JEDEC JS-002 exceeds 1 kV
• IEC61000-4-2 level 4, contact and air discharge on all SIM card-side pins are 8kV and
15 kV
• Available in 10-pin XQFN package
3. Applications
• NXT4557 can be used with a range of SIM card attached devices including:
• Mobile and personal phones
• Wireless modems
• SIM card terminals




Similar Part No. - NXT4557GU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
SIM card interface level translator
Rev. 2 - 15 June 2022
NXT4556UP NEXPERIA-NXT4556UP Datasheet
268Kb / 19P
SIM card interface level translator
Rev. 2 - 15 June 2022
NXT4558-Q100 NEXPERIA-NXT4558-Q100 Datasheet
276Kb / 19P
SIM card interface level translator with enable pin
Rev. 2 23 October 2024
NXT4558GU-Q100 NEXPERIA-NXT4558GU-Q100 Datasheet
276Kb / 19P
SIM card interface level translator with enable pin
Rev. 2 23 October 2024
More results


Similar Description - NXT4557GU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
1.8V/3V SIM Card Power Supply With Level Translator
logo
NXP Semiconductors
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4556 NXP-NVT4556 Datasheet
1Mb / 27P
SIM card interface level translator with I2C-bus control and LDO
Rev. 1.1 ??25 August 2015
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
SIM card interface level translator
Rev. 2 - 15 June 2022
logo
NXP Semiconductors
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com