Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4002 Datasheet (PDF) - Silicon Supplies

1N4002 Datasheet PDF - Silicon Supplies
Part # 1N4002
Download  1N4002 Download
File Size   283.26 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 100V 1A Standard Rectifier

1N4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4002 Datasheet PDF - Silicon Supplies

Part # 1N4002
Download  1N4002 Click to download

File Size   283.26 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 100V 1A Standard Rectifier

1N4002 Datasheet (HTML) - Silicon Supplies


1N4002 Product details

Features:
Low leakage current
High forward surge current capability
Low forward voltage drop
Robust construction
High reliability tested grades.




Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4002 PHILIPS-1N4002 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4002 SURGE-1N4002 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4002 TRSYS-1N4002 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4002 WTE-1N4002 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results


Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DRA10 NIEC-10DRA10 Datasheet
59Kb / 5P
FRD - 1A 100V 60ns
10ERB10 NIEC-10ERB10 Datasheet
70Kb / 5P
FRD - 1A 100V 60ns
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
1A, 50V - 1000V Standard Rectifier
logo
Diodes Incorporated
ABS10TM DIODES-ABS10TM Datasheet
415Kb / 5P
1A SURFACE MOUNT STANDARD RECOVERY BRIDGE RECTIFIER
March 2022 Rev. 2 - 2
logo
Silicon Supplies
1N4001 SS-1N4001 Datasheet
191Kb / 2P
50V 1A Standard Rectifier
Rev 1.0 25/08/23
1N4003 SS-1N4003 Datasheet
283Kb / 2P
200V 1A Standard Rectifier
Rev 1.0 25/08/23
1N4004 SS-1N4004 Datasheet
283Kb / 2P
400V 1A Standard Rectifier
Rev 1.0 25/08/23
1N4005 SS-1N4005 Datasheet
283Kb / 2P
600V 1A Standard Rectifier
Rev 1.0 25/08/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com