Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGHL75T65LQDT Datasheet (PDF) - Inchange Semiconductor Company Limited

FGHL75T65LQDT Datasheet PDF - Inchange Semiconductor Company Limited
Part # FGHL75T65LQDT
Download  FGHL75T65LQDT Download
File Size   405.67 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench and Field Stop IGBT

FGHL75T65LQDT Datasheet (PDF)

Go To PDF Page Download Datasheet
FGHL75T65LQDT Datasheet PDF - Inchange Semiconductor Company Limited

Part # FGHL75T65LQDT
Download  FGHL75T65LQDT Click to download

File Size   405.67 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench and Field Stop IGBT

FGHL75T65LQDT Datasheet (HTML) - Inchange Semiconductor Company Limited


FGHL75T65LQDT Product details

DESCRIPTION
·Low Saturation Voltage:VCE(sat)=1.35V@IC=75A
·High Current Capability
·High Input Impedance
·Fast Switching
APPLICATIONS
·Synchronous Rectification in SMPS
·Automotive Chargers
·UPS,PFC
·High Voltage Auxiliaries




Similar Part No. - FGHL75T65LQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGHL75T65LQDT ONSEMI-FGHL75T65LQDT Datasheet
343Kb / 9P
IGBT - Field Stop, Trench 75 A, 650 V
June, 2021 - Rev. 0
FGHL75T65LQDTL4 ONSEMI-FGHL75T65LQDTL4 Datasheet
427Kb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
July, 2021 - Rev. 0
More results


Similar Description - FGHL75T65LQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
IKW25N120H3 ISC-IKW25N120H3 Datasheet
850Kb / 8P
Trench and Field-Stop IGBT
2023-8-15
ISF1002 ISC-ISF1002 Datasheet
367Kb / 3P
Trench and Field-Stop IGBT
2023-8-17
STGY50NC60WD ISC-STGY50NC60WD Datasheet
412Kb / 3P
Trench and Field Stop IGBT
STGW40M120DF3 ISC-STGW40M120DF3 Datasheet
384Kb / 3P
Trench and Field Stop IGBT
2023-8-14
NGTB75N65FL2WG ISC-NGTB75N65FL2WG Datasheet
393Kb / 4P
Field Stop and trench IGBT
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com