Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1922 Datasheet (PDF) - Monolithic Power Systems

MP1922 Datasheet PDF - Monolithic Power Systems
Part # MP1922
Download  MP1922 Download
File Size   600.34 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC

MP1922 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1922 Datasheet PDF - Monolithic Power Systems

Part # MP1922
Download  MP1922 Click to download

File Size   600.34 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC

MP1922 Datasheet (HTML) - Monolithic Power Systems


MP1922 Product details

FEATURES
• Supports 100V Supply Operation
• 3A Source, 4A Sink Gate Drive Current
• Internal Charge Pump and Auto-Refresh for
High-Side (HS) Gate Drive
• Integrated Current-Sense Amplifier
• Low-Power Sleep Mode
• Programmable Controlled Slew Rate
• Desaturation Protection of External
MOSFETs
• Thermal Shutdown
• Under-Voltage Lockout (UVLO)
• Fault Indication Output
• Thermally Enhanced Surface-Mount
Package
• Available in a QFN-22 (4mmx5mm)
Package

APPLICATIONS
• Brushless DC (BLDC) Motors and
Permanent Magnet Synchronous Motor
(PMSM) Drives
• High-Current Brushed DC Motor Drives
• Automotive Pumps, Fans, Superchargers,
and Actuators
• Power Drills
• E-Bikes

NDESCRIPTION
The MP1922 is a 100V, single-channel,
integrated circuit (IC), half-bridge gate driver
designed for motor driver applications and other
power control applications. The two N-channel
power MOSFETs are set up in a half H-bridge
configuration, and operate on power supplies
up to 100V.
The MP1922 combines a bootstrap (BST)
capacitor and an internal charge pump to
generate a supply voltage of the high-side
MOSFET (HS-FET) driver. The device’s HSFET
driver generates a voltage above the
power supply, which in many cases indefinitely
maintains a high output at 100% duty cycle
operation.
The half-bridge pre-driver features configurable
slew rate control, FET desaturation protection,
adjustable dead-time control, under-voltage
lockout (UVLO), and thermal shutdown.
The MP1922 is available in a QFN-22
(4mmx5mm) package with an exposed thermal
pad.




Similar Part No. - MP1922

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HN-A MPS-MP1921HN-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQ-A MPS-MP1921HQ-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQE-A MPS-MP1921HQE-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HR-A MPS-MP1921HR-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
More results


Similar Description - MP1922

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
100V Half Bridge Driver
January 1996
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com