Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6631 Datasheet (PDF) - Monolithic Power Systems

MP6631 Datasheet PDF - Monolithic Power Systems
Part # MP6631
Download  MP6631 Download
File Size   1063.25 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver

MP6631 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6631 Datasheet PDF - Monolithic Power Systems

Part # MP6631
Download  MP6631 Click to download

File Size   1063.25 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver

MP6631 Datasheet (HTML) - Monolithic Power Systems


MP6631 Product details

DESCRIPTION
The MP6631 is a three-phase brushless DC
(BLDC) motor driver with integrated power
MOSFETs. The device supports a single
external Hall-effect sensor or triple external
Hall-effect sensors to drive a three-phase BLDC
motor, with up to 3A of peak phase current and
an input voltage (VIN) range of 3.6V to 24V.
The MP6631 controls the motor speed through
the pulse-width modulation (PWM) signal or the
DC signal on the PWM/DC pin with closed-
/open-loop speed control. The device features a
built-in, configurable speed curve function. It
also features a sinusoidal drive for maximum
torque, as well as low speed ripple and noise
across the full speed range.
The MP6631 provides rotational speed
detection. The rotational speed detector (the
FG/RD pin) is an open-drain output. It outputs a
high or low voltage relative to the Hall
comparator’s output. Direction control is
achieved via the DIR pin’s input.
Rich protection features include under-voltage
lockout (UVLO), locked-rotor protection, overcurrent
protection (OCP), and thermal
shutdown protection.
The MP6631 is available in a QFN-26
(3mmx4mm) package.

FEATURES
• 3.6V to 24V Operating Input Voltage (VIN)
Range
• Up to 3A of Peak Phase Current
• Integrated 160mΩ High-Side MOSFETs
(HS-FETs) and Low-Side MOSFETs (LSFETs)
• Sinusoidal Drive
• Supports 0V to 1.2V DC Input or 1kHz to
100kHz Pulse-Width Modulation (PWM)
Input
• Supports Triple-Hall or Single-Hall Element
Differential Input
• Closed-/Open-Loop Speed Control
• Direction/Brake Input
• Power-Save Mode
• 0.5s/4.5s Lock Protection
• Over-Current Protection (OCP)
• Single-Pulse or Triple-Pulse FG Output per
Electrical Cycle
• FG Signal: Rotational Speed Indication
• Soft Start (SS) for Low Noise and Current
Overshoot
• Available in a QFN-26 (3mmx4mm)
Package

APPLICATIONS
• Fans
• General Three-Phase Brushless DC (BLDC)
Motors
• Pumps




Similar Part No. - MP6631

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6600GR MPS-MP6600GR Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GF MPS-MP6601GF Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GU MPS-MP6601GU Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Similar Description - MP6631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com