Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet (PDF) - Monolithic Power Systems

MPF42791 Datasheet PDF - Monolithic Power Systems
Part # MPF42791
Download  MPF42791 Download
File Size   1778.56 Kbytes
Page   75 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model

MPF42791 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPF42791 Datasheet PDF - Monolithic Power Systems

Part # MPF42791
Download  MPF42791 Click to download

File Size   1778.56 Kbytes
Page   75 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model

MPF42791 Datasheet (HTML) - Monolithic Power Systems


MPF42791 Product details

DESCRIPTION
The MPF42791 is a drop-in solution to provide
comprehensive status information on lithium-ion
battery strings up to 16 series cells. The
MPF42791 estimates the internal state-ofcharge
(SOC) and state-of-health (SOH) for
each cell, as well as the full pack. The
MPF42791 also determines impedance,
remaining runtime, charge time, and
instantaneous available power. On-board
memory enables the lifetime logging of key
parameters.
The MPF42791 is simple to use and supports a
variety of lithium cell chemistries and cell sizes.
A few basic configurations allow for quick set-up,
and advanced configuration capabilities can
fine-tune the device for specific applications.
When paired with an MP279x battery monitor,
the MPF42791 can achieve SOC accuracy
within 2.5% across the temperature range. The
MPF42791 can also be paired with other analog
front-end (AFE) or battery stack monitors. The
400kHz I2C interface provides standard, robust
communication. The 5-level LED drivers provide
a simple, cost-effective charge level indicator for
the device.
The MPF42791 is available in a TQFN-32
(4mmx4mm) package.

FEATURES
• Compatible with Commonly Used Battery
Monitors for Up to 16 Series Cells
o ±2.5% State-of-Charge (SOC) Accuracy
when Paired with MP279x Battery
Monitors
• Provides Critical Battery Information:
o Pack and Cell SOC
o Pack and Cell State-of-Health (SOH)
o Remaining Runtime and Charge Time
o Instantaneous Available Power
• Supports a Wide Variety of Lithium Cells
• Adaptive Learning Can Be Enabled to:
o Refine Initial Charge Settings
o Refine Initial Discharge Settings
o Update Individual Cells’ State-of-Health
(SOH) to Track Degradation
o Update Equivalent Series Resistance
(ESR) to Track Degradation
• Provides Lifetime Logging
• Supports 5-Level LED SOC Indicator with
Push-Button Trigger
• 2.5V Minimum Supply Voltage
• Low Current Consumption: 6μA in Disabled
Mode and 135μA (Average) in Operating
Mode during Rest
• Supports Up to 400kHz I2C with CRC for
Robust Communication
• Available in a Compact TQFN-32
(4mmx4mm) Package
• Available in Turn-Key MPS BMS Module:
o MBM1xS-P50-B and MBM1xS-P100-B

APPLICATIONS
• Light EVs: Scooters, Bikes, and Golf Carts
• Energy Storage: Uninterruptable Power
Supplies (UPS) and Renewable Energy
• Industrial Robots, Floor Cleaners, and
Forklifts
• Cordless Tools and Gardening Equipment




Similar Part No. - MPF42791

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF4392 MOTOROLA-MPF4392 Datasheet
119Kb / 6P
JFETs Switching
logo
ON Semiconductor
MPF4392 ONSEMI-MPF4392 Datasheet
119Kb / 6P
JFETs Switching
1997 REV 1
MPF4392 ONSEMI-MPF4392 Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392 Datasheet
126Kb / 6P
JFET Switching Transistors
February, 2012 ??Rev. 6
MPF4392G ONSEMI-MPF4392G Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
More results


Similar Description - MPF42791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com