Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00087 Datasheet (PDF) - Arduino

ABX00087 Datasheet PDF - Arduino
Part # ABX00087
Download  ABX00087 Download
File Size   8361.61 Kbytes
Page   23 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R4 WiFi

ABX00087 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00087 Datasheet PDF - Arduino

Part # ABX00087
Download  ABX00087 Click to download

File Size   8361.61 Kbytes
Page   23 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R4 WiFi

ABX00087 Datasheet (HTML) - Arduino


ABX00087 Product details

Description
The Arduino® UNO R4 WiFi is the first UNO board to feature a 32-bit microcontroller and an ESP32-S3 Wi-Fi®
module (ESP32-S3-MINI-1-N8). It features a RA4M1 series microcontroller from Renesas (R7FA4M1AB3CFM#AA0),
based on a 48 MHz Arm® Cortex®-M4 microprocessor. The UNO R4 WiFi's memory is larger than its predecessors,
with 256 kB flash, 32 kB SRAM and 8 kB of EEPROM.
The RA4M1's operating voltage is fixed at 5 V, whereas the ESP32-S3 module is 3.3 V. Communication between
these two MCUs is performed via a logic-level translator (TXB0108DQSR).

Features
The R7FA4M1AB3CFM#AA0, often referred to as RA4M1 in this datasheet, is the main MCU on the UNO R4 WiFi,
connected to all pin headers on the board as well as all communication buses.
Overview
48 MHz Arm® Cortex®-M4 microprocessor with a floating point unit (FPU)
5 V operating voltage
Real-time Clock (RTC)
Memory Protection Unit (MPU)
Digital-to-analog Converter (DAC)
Memory
256 kB Flash Memory
32 kB SRAM
8 kB Data Memory (EEPROM)
Peripherals
Capacitive Touch Sensing Unit (CTSU)
USB 2.0 Full-Speed Module (USBFS)
14-bit ADC
Up to 12-bit DAC
Operational Amplifier (OPAMP)
Power
Operating voltage for RA4M1 is 5 V
Recommended input voltage (VIN) is 6-24 V
Barrel jack connected to VIN pin (6-24 V)
Power via USB-C® at 5 V
Communication
1x UART (pin D0, D1)
1x SPI (pin D10-D13, ICSP header)
1x I2C (pin A4, A5, SDA, SCL)
1x CAN (pin D4, D5, external transceiver is required)
See the full datasheet for the R7FA4M1AB3CFM#AA0 in the link below:
R7FA4M1AB3CFM#AA0 datasheet
The ESP32-S3-MINI-1-N8 is the secondary MCU with a built-in antenna for Wi-Fi® & Bluetooth® connectivity. This
module operates on 3.3 V and communicates with the RA4M1 using a logic-level translator (TXB0108DQSR).
Overview
Xtensa® dual-core 32-bit LX7 microprocessor
3.3 V operating voltage
40 MHz crystal oscillator




Similar Part No. - ABX00087

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00087 ARDUINO-ABX00087_V01 Datasheet
15Mb / 46P
Arduino® UNO R4 WiFi
15/11/2024
More results


Similar Description - ABX00087

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
Arduino® UNO R4 Minima
25/07/2023
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com