Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCD133A Datasheet (PDF) - List of Unclassifed Manufacturers

CCD133A Datasheet PDF - List of Unclassifed Manufacturers
Part # CCD133A
Download  CCD133A Download
File Size   655.87 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1024-Element High Speed Linear Image Sensor

CCD133A Datasheet (PDF)

Go To PDF Page Download Datasheet
CCD133A Datasheet PDF - List of Unclassifed Manufacturers

Part # CCD133A
Download  CCD133A Click to download

File Size   655.87 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1024-Element High Speed Linear Image Sensor

CCD133A Datasheet (HTML) - List of Unclassifed Manufacturers


CCD133A Product details

FEATURES
• 1024 x 1 photosite array
• 13 μm x 13 μm photosites on 13μm pitch
• High speed: up to 20 MHz data rate
• Enhanced spectral response
• Low dark signal
• High responsivity
• On-chip clock drivers
• Dynamic range typical: 7500:1
• Over 1 V peak-to-peak outputs
• Special selections available – consult factory

GENERAL DESCRIPTION
The CCD133A is a 1024-photoelement linear image
sensor utilizing charge-coupled device technology. It
is designed for visible and very-near-IR imaging applications
such as page scanning, facsimile, optical character
recognition, earth-resources-satellite telescopes,
and other applications which require high resolution,
high responsivity, high data rates, and high dynamic
range.
The CCD133A has been improved and is pin-for-pin
compatible with the CCD133 except for the deletion of
the end-of-Scan Waveform (EOSOUT). The CCD133A
has several new features which may be implemented
at the user’s option by supplying input voltages and wave
forms different than those required for standard
CCD133-type operation.
Photoelement size is 13 μm (0.51mils) x 13 μm (0.51
mils) on 13 μm (0.51 mils) centers. The devices are
manufactured using Fairchild Imaging’s advanced second-
generation n-channel Isoplanar buried-channel
technology.




Similar Part No. - CCD133A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
1024-Element Linear Image Sensor
More results


Similar Description - CCD133A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD3575 NEC-UPD3575 Datasheet
228Kb / 9P
1024 BIT LINEAR IMAGE SENSOR
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
1024 - BIT CCD IMAGE SENSOR
logo
List of Unclassifed Man...
CCD143A ETC2-CCD143A Datasheet
844Kb / 12P
2048-Element High Speed Linear Image Sensor
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
CMOS linear image sensor High-speed readout, simultaneous integration
logo
Seme LAB
CCD181 SEME-LAB-CCD181 Datasheet
470Kb / 11P
Variable-Element High-Speed Linear Image Sensor
logo
Fairchild Semiconductor
CCD191 FAIRCHILD-CCD191 Datasheet
522Kb / 8P
6000 Element Linear Image Sensor
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
1024-Element Linear Image Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com