Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ015EZ01ZP Datasheet (PDF) - Sharp Corporation

PQ015EZ01ZP Datasheet PDF - Sharp Corporation
Part # PQ015EZ01ZP
Download  PQ015EZ01ZP Download
File Size   128.0 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators

PQ015EZ01ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ015EZ01ZP Datasheet PDF - Sharp Corporation

Part # PQ015EZ01ZP
Download  PQ015EZ01ZP Click to download

File Size   128.0 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators

PQ015EZ01ZP Datasheet (HTML) - Sharp Corporation


PQ015EZ01ZP Product details

SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators

■ Features
● Low voltage operation (Minimum operating voltage: 2.35V)
   2.5V input → available 1.5 to 1.8V
● Low dissipation current
   Dissipation current at no load : MAX. 2mA
   Output OFF-state dissipation current: MAX. 5µA
● Built-in overcurrent protection and overheat protection
   functions

■ Applications
● Peripheral equipment of personal computers
● Power supplies for various electronic equipment such as
   DVD player or STB




Similar Part No. - PQ015EZ01ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ01ZP SHARP-PQ015EZ01ZP Datasheet
1,013Kb / 19P
DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ015EZ01ZP SHARP-PQ015EZ01ZP Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ01ZPH SHARP-PQ015EZ01ZPH Datasheet
262Kb / 10P
Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Similar Description - PQ015EZ01ZP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com