Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9269 Datasheet (PDF) - Richtek Technology Corporation

RT9269 Datasheet PDF - Richtek Technology Corporation
Part # RT9269
Download  RT9269 Download
File Size   274.5 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Efficiency, Constant Current LED Driver

RT9269 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9269 Datasheet PDF - Richtek Technology Corporation

Part # RT9269
Download  RT9269 Click to download

File Size   274.5 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Efficiency, Constant Current LED Driver

RT9269 Datasheet (HTML) - Richtek Technology Corporation


RT9269 Product details

General Description
The RT9269 is a compact, high efficient LED driver with high flexibility of application configurations in charge pump mode or in boost rectifier mode, delivering Tens of mA constant output current for driving 1~4 white LEDs.

Features
• 0.25V Low Reference Voltage
• 17μA Quiescent (Switch-off) Supply Current
• Zero Shutdown Mode Supply Current
• 85% Efficiency
• 500kHz Fixed Switching Rate
• Tuning LED brightness with EN Pin ON/OFF Duty
• Small SOT-23-6 Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• LED Module
• Hand Held Panel
• Compact Back Light Module
• Small Battery Charger
• Constant Current Source




Similar Part No. - RT9269

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269GE RICHTEK-RT9269GE Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269PE RICHTEK-RT9269PE Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
More results


Similar Description - RT9269

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT771XH MAXIC-MT771XH Datasheet
228Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com