Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L4BHC Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L4BHC Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L4BHC
Download  PESD3V3L4BHC Download
File Size   289.31 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-fold bidirectional ESD protection array

PESD3V3L4BHC Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L4BHC Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L4BHC
Download  PESD3V3L4BHC Click to download

File Size   289.31 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-fold bidirectional ESD protection array

PESD3V3L4BHC Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L4BHC Product details

1. General description
4-fold bidirectional ElectroStatic Discharge (ESD) protection array designed to protect up to four
lines from the damage caused by ESD and other transients.
The device is housed in a leadless extremely thin small DFN1308-6 (SOT8006) Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• Bidirectional ESD protection of up to 4 lines
• Very high surge robustness; IPP = 6 A for 8/20 μs pulse
• Very low clamping voltage: VCL = 7.3 V typ. for 6 A 8/20 μs pulse
• ESD protection up to 20 kV
• Very low dynamic resistance Rdyn = 0.2 Ω (TLP)
3. Applications
ESD protection for low-speed lines in portable communication, consumer devices and computing
devices.




Similar Part No. - PESD3V3L4BHC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - PESD3V3L4BHC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
logo
STMicroelectronics
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
logo
GOOD-ARK Electronics
SES5VT23-3 GOOD-ARK-SES5VT23-3 Datasheet
193Kb / 3P
Bidirectional ESD Protection Array
SES5VT323-3 GOOD-ARK-SES5VT323-3 Datasheet
154Kb / 3P
Bidirectional ESD Protection Array
SES4VT23-3 GOOD-ARK-SES4VT23-3 Datasheet
349Kb / 4P
Bidirectional ESD Protection Array
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
5pF Bidirectional TVS Array for ESD Protection
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
4-fold ESD protection array for high-speed interfaces
13 June 2019
PESD3V3X4UHM NEXPERIA-PESD3V3X4UHM Datasheet
267Kb / 11P
4-fold ESD protection array for SD-card protection
12 February 2019
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com