Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L5UK Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L5UK Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L5UK
Download  PESD3V3L5UK Download
File Size   462.21 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional fivefold ESD protection diode arrays

PESD3V3L5UK Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L5UK Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L5UK
Download  PESD3V3L5UK Click to download

File Size   462.21 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional fivefold ESD protection diode arrays

PESD3V3L5UK Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L5UK Product details

1.1 General description
Low capacitance unidirectional fivefold ElectroStatic Discharge (ESD) protection diode
arrays in a leadless ultra small SOT891 Surface-Mounted Device (SMD) plastic package
designed to protect up to five unidirectional signal lines from the damage caused by ESD
and other transients.
1.2 Features and benefits
1.3 Applications
ESD protection of up to five lines
Very low leakage current: IRM = 0.5 μA
Low diode capacitance
ESD protection up to 20 kV
Max. peak pulse power: PPP = 30 W
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL = 9.5 V
IEC 61000-4-5 (surge); IPP = 3.2 A
AEC-Q101 qualified
Computers and peripherals
Communication systems
Audio and video equipment
Portable electronics
Cellular handsets and accessories
Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD3V3L5UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L5UK PHILIPS-PESD3V3L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
More results


Similar Description - PESD3V3L5UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com