Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170352 Datasheet (PDF) - Lapp.

2170352 Datasheet PDF - Lapp.
Part # 2170352
Download  2170352 Download
File Size   66.29 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® BUS FF 2 @ 1X2X1.1

2170352 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170352 Datasheet PDF - Lapp.

Part # 2170352
Download  2170352 Click to download

File Size   66.29 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® BUS FF 2 @ 1X2X1.1

2170352 Datasheet (HTML) - Lapp.


2170352 Product details

Application

FOUNDATION Fieldous cable for use i Process Automation - UL-verified

Used inintrinsically safe areas, especialy n thefeld of Process Automatio. UL/CSA-approval

Tnis catle has an amouring which provides a safe solution taking mechanical stress etc. into 2ccount
Temperature range from ~40 °C up to +105°C.




Similar Part No. - 2170352

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
More results


Similar Description - 2170352

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170230 LAPP-2170230 Datasheet
161Kb / 1P
UNITRONIC® BUS AS-INTERFACE (TPE)
01.01.2019
2170240 LAPP-2170240 Datasheet
227Kb / 2P
UNITRONIC® BUS EIB 2x2x0.8
21.06.2021
2170322 LAPP-2170322 Datasheet
192Kb / 2P
UNITRONIC® BUS PBFD PFC. 1x2x0,64 |
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com