Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170464 Datasheet (PDF) - Lapp.

2170464 Datasheet PDF - Lapp.
Part # 2170464
Download  2170464 Download
File Size   246.2 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG

2170464 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170464 Datasheet PDF - Lapp.

Part # 2170464
Download  2170464 Click to download

File Size   246.2 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG

2170464 Datasheet (HTML) - Lapp.


2170464 Product details

Application

Field of use: Intalltion cabl for cabing systems acc. to SO/IEC 11801 and
EN 50173. Meeting the transmission requirements of IEG 61156-5,
Category 64 and EN 50288-10-1. Compliant to the *PROFINET-
Cabling and Inerconnection Technalogy” gideiine.

Performance: 4-pai,scroenad foled tisted pai cabie (S/FTP], having 2
nominal impedance of 100 0, supporting 2 bandvwidth of
10 Goit/s (e.g. 100BASET, 1000BASE-T, 2 SGBASE-T, SGBASET,
10GBASET) over up to 100 m.

Gharacterisics: Flame retardant, no flame propagation, o resistant

Applcations: "PROFINET, EtherCAT, EtherNet/IP, PoF (IEEE 802.3af),
PoE+ IEEE 802.3at), PP (IEEE 802.3b1) and others




Similar Part No. - 2170464

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217040 LITTELFUSE-217040 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
TE Connectivity Ltd
2170400-1 TEC-2170400-1 Datasheet
718Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170402-1 TEC-2170402-1 Datasheet
624Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170409-5 TEC-2170409-5 Datasheet
2Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170409-6 TEC-2170409-6 Datasheet
2Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 2170464

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170496 LAPP-2170496 Datasheet
234Kb / 2P
ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
30.03.2021
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com