Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSD32MP157F Datasheet (PDF) - List of Unclassifed Manufacturers

OSD32MP157F Datasheet PDF - List of Unclassifed Manufacturers
Part # OSD32MP157F
Download  OSD32MP157F Download
File Size   1618.72 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package

OSD32MP157F Datasheet (PDF)

Go To PDF Page Download Datasheet
OSD32MP157F Datasheet PDF - List of Unclassifed Manufacturers

Part # OSD32MP157F
Download  OSD32MP157F Click to download

File Size   1618.72 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package

OSD32MP157F Datasheet (HTML) - List of Unclassifed Manufacturers


OSD32MP157F Product details

Features
• ST STM32MP15x, DDR3L, STPMIC1A, 4KB EEPROM, Oscillator and passive components integrated into a single package
• STM32MP15x Features:
o Arm® Cortex®-A7 up to 800MHz x2
o Arm® Cortex®-M4 up to 209MHz
o NEON™SIMD Coprocessor x2
o Arm® TrustZone®
o USB 2.0 HS + PHY x2
o Ethernet 10/100/1000
o CAN FD/TTCAN x2, UART x4, USART x4, SPI x6, I2C x6, I2S x3, QSPI x2
o eMMC/SD/SDIO Ports x3
o GPIO x148
o 24-bit RGB Display, MIPI DSI
o Camera Interface
o 22 Channel 16-bit ADC x2, 12-bit DAC x2
o Configurable I/O voltage (1.8V - 3.3V)
• Access to all Signals of the STM32MP1 TFBGA 361 Package
• Up to 1GB DDR3L
• Low Power MEMS Oscillator
• Single Voltage Input: 2.8V-5.5V
• Integrated Boost: 5.2V
• System Power: Buck, Boost, LDOx4, Power Switch x2




Similar Part No. - OSD32MP157F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD3-E ETC1-OSD3-E Datasheet
138Kb / 2P
Silicon Photodetectors
OSD3-E ETC-OSD3-E Datasheet
512Kb / 2P
Eye Response Detectors (series -E)
OSD3358 ETC-OSD3358 Datasheet
1Mb / 38P
OSD335x C-SiP Family
Rev. 2 3/20/2019
OSD3358-512M-ICB ETC-OSD3358-512M-ICB Datasheet
1Mb / 38P
OSD335x C-SiP Family
Rev. 2 3/20/2019
OSD335X ETC-OSD335X Datasheet
1Mb / 38P
OSD335x C-SiP Family
Rev. 2 3/20/2019
More results


Similar Description - OSD32MP157F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
1-Wire 4Kb EEPROM
Rev 3; 5/12
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
Passive DWDM Components
logo
Samsung semiconductor
RP164PJ122CS SAMSUNG-RP164PJ122CS Datasheet
4Mb / 20P
Passive components sales offices
logo
Hamamatsu Corporation
P12347-01 HAMAMATSU-P12347-01_15 Datasheet
452Kb / 17P
Color sensor proximity sensor and 3-color LED incorporated into a single package
logo
SOURIAU-SUNBANK Connect...
38999 SOURIAU-38999 Datasheet
342Kb / 2P
Turn ELIO짰 Into Standard ST Contact
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
4Kb 1-Wire EEPROM
19-5581; 10/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com