Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44140DW Datasheet (PDF) - Motorola, Inc

MC44140DW Datasheet PDF - Motorola, Inc
Part # MC44140DW
Download  MC44140DW Download
File Size   89.36 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Chroma Delay Line HCMOS Technology

MC44140DW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44140DW Datasheet PDF - Motorola, Inc

Part # MC44140DW
Download  MC44140DW Click to download

File Size   89.36 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Chroma Delay Line HCMOS Technology

MC44140DW Datasheet (HTML) - Motorola, Inc


MC44140DW Product details

The MC44140 is a monolithic 64 µs delay line, intended for color TV applications. It may be used as a baseband chroma correction circuit (with PAL), or as a chroma delay line (with SECAM).

The device has been designed for use with the MC44000 as part of CHROMA 4, or with the MC44011, but may also be used as a general purpose delay line for other applications.





• Part of SYSTEM 4 Concept

• Works with Baseband Color Difference Signals

• PAL (4.43 MHz)/SECAM/NTSC Capability

• Uses 17.734475 MHz Clock with PAL/SECAM Signals

• 8–Bit Sampling at 1/6 Clock Frequency

• External Inputs (Satellite ....)

• Minimum Number of External Components

• Low Current (35 mA), + 5 V Supply




Similar Part No. - MC44140DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44144 MOTOROLA-MC44144 Datasheet
121Kb / 8P
SUBCARRIER PHASE?밚OCKED LOOP
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
PIXEL CLOCK GENERATOR / SYNC SEPARATOR
MC44145D MOTOROLA-MC44145D Datasheet
73Kb / 8P
PIXEL CLOCK GENERATOR / SYNC SEPARATOR
More results


Similar Description - MC44140DW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2151 STMICROELECTRONICS-STV2151 Datasheet
611Kb / 11P
FULL AUTOMATIC MULTISTANDARD CHROMA DECODER WITH EMBEDDED CHROMA DELAY LINE
STV2180A STMICROELECTRONICS-STV2180A Datasheet
57Kb / 6P
BASE BAND CHROMA DELAY LINE
Feb-1997
logo
Data Delay Devices, Inc...
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
DUAL, HCMOS-INTERFACED FIXED DELAY LINE
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
MDU3C DATADELAY-MDU3C Datasheet
47Kb / 4P
TRIPLE, HCMOS-INTERFACED FIXED DELAY LINE (SERIES MDU3C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
logo
Motorola, Inc
MC44030 MOTOROLA-MC44030 Datasheet
152Kb / 4P
MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com